Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8677CETG Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8677CETG
Description  1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8677CETG Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8677CETG Datasheet HTML 1Page - Maxim Integrated Products MAX8677CETG Datasheet HTML 2Page - Maxim Integrated Products MAX8677CETG Datasheet HTML 3Page - Maxim Integrated Products MAX8677CETG Datasheet HTML 4Page - Maxim Integrated Products MAX8677CETG Datasheet HTML 5Page - Maxim Integrated Products MAX8677CETG Datasheet HTML 6Page - Maxim Integrated Products MAX8677CETG Datasheet HTML 7Page - Maxim Integrated Products MAX8677CETG Datasheet HTML 8Page - Maxim Integrated Products MAX8677CETG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
1.5A Dual-Input USB/AC Adapter Charger
and Smart Power Selector
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDC = 5V, THM = CEN = USUS = GND, VBAT = 4V, VPEN1 = VPEN2 = 5V, USB, TSET, PREQ, CHG, DOK, UOK, FLT are unconnected,
TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISET Voltage
RISET = 4k
Ω, IBAT = 500mA
(VISET = 1.5V at full charge current)
0.9
1.0
1.1
V
Charger Soft-Start Time
Charge-current ramp time
1.5
ms
BAT Prequal Threshold
VBAT rising, 180mV hysteresis
2.9
3
3.1
V
No DC or USB power connected
3
6
BAT Leakage Current
VBAT = 4.2V
DC or USB connected, VCEN = 5V
3
6
µA
VTSET = 0
5
VTSET = open
10
DONE Threshold as a
Percentage of Fast-Charge
IBAT decreasing
VTSET = VL
15
%
Maximum Prequal Time
From VCEN falling to end of prequal charge,
VBAT = 2.5V, CT = 0.068µF
30
Min
Maximum Fast-Charge Time
From VCEN falling to VFLT falling, CT = 0.068µF
300
Min
Timer Accuracy
CT = 0.068µF
-20
+20
%
Timer Extend Threshold
Percentage of fast-charge current below which timer
clock operates at half speed
50
%
Timer Suspend Threshold
Percentage of fast-charge current below which timer
clock pauses
20
%
THM
THM Threshold, Cold
When charging is suspended, 2% hysteresis
72
74
76
% of VL
THM Threshold, Hot
When charging is suspended, 2% hysteresis
26
28
30
% of VL
THM Threshold, Disabled
When THM function is disabled
3
% of VL
THM = GND or VL; TA = +25°C
-0.1
0.001
+0.2
THM Input Leakage
THM = GND or VL; TA = +85°C
0.01
µA
LOGIC I/O:
CHG, FLT, PREQ, DOK, UOK, PEN1, PEN2, CEN, TSET, USUS
High level
1.3
Low level
0.4
V
Logic Input Thresholds
Hysteresis
50
mV
High level
VL - 0.3
Midlevel
1.2
VL - 1.2
TSET Input Threshold
Low level
0.3
V
TSET = GND
-20
-6
TSET Input-Bias Current
TSET = VL
620
µA
TA = +25°C
0.001
1
Logic Input-Leakage Current
VINPUT = 0 to 5.5V
TA = +85°C
0.01
µA
Logic Output Voltage, Low
Sinking 1mA
25
100
mV
TA = +25°C
0.001
1
Logic Output-Leakage Current,
High
VOUT = 5.5V
TA = +85°C
0.01
µA
Note 1: Limits are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.
Note 2: Guaranteed by design.


Similar Part No. - MAX8677CETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8677A MAXIM-MAX8677A Datasheet
356Kb / 21P
   1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Rev 1; 1/07
MAX8677AETG++ MAXIM-MAX8677AETG+ Datasheet
356Kb / 21P
   1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Rev 1; 1/07
More results

Similar Description - MAX8677CETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8677A MAXIM-MAX8677A Datasheet
356Kb / 21P
   1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Rev 1; 1/07
MAX1874 MAXIM-MAX1874_V01 Datasheet
906Kb / 17P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
2007
logo
Anpec Electronics Corop...
APL3200 ANPEC-APL3200 Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
logo
Maxim Integrated Produc...
MAX1874 MAXIM-MAX1874 Datasheet
405Kb / 16P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
Rev 0; 7/03
MAX8934G MAXIM-MAX8934G Datasheet
2Mb / 29P
   Dual-Input Linear Charger, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 0; 6/10
MAX8934A MAXIM-MAX8934A_V01 Datasheet
1Mb / 32P
   Dual-Input Linear Chargers, Smart Power Selector
2014
MAX77301 MAXIM-MAX77301_V01 Datasheet
1Mb / 67P
   JEITA-Compliant, Li Charger with Smart Power Selector, Automatic Detection, and USB Enumeration
2021
MAX14667 MAXIM-MAX14667 Datasheet
558Kb / 9P
   Dual USB Charger Adapter Emulator
Rev 0; 6/13
logo
Renesas Technology Corp
R2J20053NS RENESAS-R2J20053NS_15 Datasheet
327Kb / 20P
   AC adaptor / USB input selector & Li-ion/Ni-MH battery charger
logo
Maxim Integrated Produc...
MAX8895V MAXIM-MAX8895V Datasheet
4Mb / 45P
   Li-Ion Chargers with Smart Power Selector, Adapter Type Detection, and USB Enumeration
Rev 4 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com