Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M81016FP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M81016FP
Description  OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M81016FP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M81016FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M81016FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M81016FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M81016FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M81016FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M81016FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M81016FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M81016FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Oct.2004
MITSUBISHI SEMICONDUCTOR <MOS-ARRAY>
M81016P/FP/KP
OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
TYPICAL CHARACTERISTICS
Ta=25
°C
VDD=4.5V
101
1102 2
103
35 7
23
5 7
23
5 7
DUTY CYCLE-DRAIN CURRENT
CHARACTERISTICS
(M81016P)
DRAIN CURRENT IDS (mA)
200
q~u
i
q~e
r
t
y
u
i
q~w
e
t
r
y
u
i
q~t
y
u
i
160
120
80
40
0
080
60
40
20
100
5
4
3
2
1
0
DUTY CYCLE (%)
THERMAL DERATING FACTOR
CHARACTERISTICS
DRAIN-SOURCE ON-STATE RESISTANCE
VS DRAIN CURRENT CHARACTERISTICS
AMBIENT TEMPERATURE Ta (
°C)
0
25
50
75 85
100
2.0
1.5
1.0
0.5
0
0.764
0.572
0.354
M81016P
M81016FP
M81016KP
200
160
120
80
40
0
080
60
40
20
100
200
160
120
80
40
0
080
60
40
20
100
200
160
120
80
40
0
080
60
40
20
100
DUTY CYCLE-DRAIN CURRENT
CHARACTERISTICS
(M81016P)
DUTY CYCLE (%)
DUTY CYCLE-DRAIN CURRENT
CHARACTERISTICS
(M81016FP)
DUTY CYCLE (%)
DUTY CYCLE-DRAIN CURRENT
CHARACTERISTICS
(M81016FP)
DUTY CYCLE (%)
Ta=–40
°C
Ta=85
°C
The drain
current values represent
the current per circuit.
Repeated frequency
≥ 10Hz
The value the circle represents the
value of the simultaneously-operated circuit.
Ta=85
°C
The drain
current values represent
the current per circuit.
Repeated frequency
≥ 10Hz
The value the circle represents the
value of the simultaneously-operated circuit.
Ta=25
°C
The drain
current values represent
the current per circuit.
Repeated frequency
≥ 10Hz
The value the circle represents the
value of the simultaneously-operated circuit.
Ta=25
°C
The drain
current values represent
the current per circuit.
Repeated frequency
≥ 10Hz
The value the circle represents the
value of the simultaneously-operated circuit.
Ta=85
°C


Similar Part No. - M81016FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81016FP MITSUBISHI-M81016FP Datasheet
114Kb / 8P
   OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
More results

Similar Description - M81016FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81016P MITSUBISHI-M81016P_09 Datasheet
114Kb / 8P
   OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
M81049P MITSUBISHI-M81049P Datasheet
116Kb / 8P
   OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
logo
Texas Instruments
SN54273 TI-SN54273 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com