Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXAG37KFA Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PXAG37KFA
Description  XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAG37KFA Datasheet(HTML) 4 Page - NXP Semiconductors

  PXAG37KFA Datasheet HTML 1Page - NXP Semiconductors PXAG37KFA Datasheet HTML 2Page - NXP Semiconductors PXAG37KFA Datasheet HTML 3Page - NXP Semiconductors PXAG37KFA Datasheet HTML 4Page - NXP Semiconductors PXAG37KFA Datasheet HTML 5Page - NXP Semiconductors PXAG37KFA Datasheet HTML 6Page - NXP Semiconductors PXAG37KFA Datasheet HTML 7Page - NXP Semiconductors PXAG37KFA Datasheet HTML 8Page - NXP Semiconductors PXAG37KFA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Philips Semiconductors
Product specification
XA-G3
XA 16-bit microcontroller family
32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
4
BLOCK DIAGRAM
XA CPU Core
SFR BUS
32K BYTES
ROM/EPROM
512 BYTES
STATIC RAM
PORT 0
PORT 1
PORT 2
PORT 3
UART0
UART1
TIMER 0 &
TIMER 1
TIMER 2
WATCHDOG
TIMER
SU00527
Program
Memory
Bus
Data Bus


Similar Part No. - PXAG37KFA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PXAG37KFA PHILIPS-PXAG37KFA Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
More results

Similar Description - PXAG37KFA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G49 PHILIPS-XA-G49 Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
XA-S3 PHILIPS-XA-S3 Datasheet
281Kb / 52P
   XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
2000 Dec 01
PXAG49KBBD NXP-PXAG49KBBD Datasheet
216Kb / 42P
   XA 16-bit microcontroller family
2001 Jun 27
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
logo
Macronix International
MX10EXA MCNIX-MX10EXA Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
logo
NXP Semiconductors
80C550 PHILIPS-80C550 Datasheet
190Kb / 28P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
80C575 PHILIPS-80C575 Datasheet
383Kb / 40P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer
1998 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com