Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MG800J1US52A Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # MG800J1US52A
Description  HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MG800J1US52A Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MG800J1US52A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MG800J1US52A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MG800J1US52A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MG800J1US52A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MG800J1US52A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MG800J1US52A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MG800J1US52A Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Dec.2005
MITSUBISHI IGBT MODULES
MG800J1US52A
HIGH POWER SWITCHING APPLICATIONS
MOTOR CONTROL APPLICATIONS
PERFORMANCE CURVES
1600
1200
400
800
0
02
3
4
5
1
1600
1200
800
400
0
02
5
4
3
1
10
8
6
4
2
0
20
048
12
16
9
10
15
10
8
6
4
2
0
20
04
8
12
16
1600
1200
400
800
0
04
6
8
10
12
14
2
1600
1200
400
800
0
02
3
4
5
1
10
9
12
15
VGE =
20V
VGE =
20V
12
IC = 400A
800A
1600A
Tj = 25°C
125°C
Tj = 25°C
125°C
IC = 400A
800A
1600A
IC - VCE
COLLECTOR-EMITTER VOLTAGE VCE (V)
IC - VCE
COLLECTOR-EMITTER VOLTAGE VCE (V)
VCE - VGE
GATE-EMITTER VOLTAGE VGE (V)
GATE-EMITTER VOLTAGE VGE (V)
VCE - VGE
IC - VGE
GATE-EMITTER VOLTAGE VGE (V)
IF - VF
FORWARD VOLTAGE VF (V)
Common emitter
Tj = 25°C
Common emitter
Tj = 125°C
Common emitter
Tj = 25°C
Common emitter
Tj = 125°C
Common emitter
VCE = 5V
Common cathode
VGE = 0


Similar Part No. - MG800J1US52A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MG800J1US51 TOSHIBA-MG800J1US51 Datasheet
319Kb / 6P
   N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
More results

Similar Description - MG800J1US52A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MIG100J201HC TOSHIBA-MIG100J201HC Datasheet
141Kb / 6P
   High Power Switching Applications Motor Control Applications
logo
Mitsubishi Electric Sem...
MG400V2YS60A MITSUBISHI-MG400V2YS60A Datasheet
184Kb / 9P
   High Power Switching Applications Motor Control Applications
logo
Toshiba Semiconductor
GT10Q301 TOSHIBA-GT10Q301 Datasheet
321Kb / 7P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
MIG50J906H TOSHIBA-MIG50J906H Datasheet
429Kb / 9P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
logo
Mitsubishi Electric Sem...
MIG200Q2CSB1X MITSUBISHI-MIG200Q2CSB1X Datasheet
239Kb / 10P
   High Power Switching Applications Motor Control Applications
logo
Toshiba Semiconductor
MIG75J7CSB1W TOSHIBA-MIG75J7CSB1W Datasheet
186Kb / 11P
   High Power Switching Applications Motor Control Applications
logo
Mitsubishi Electric Sem...
MG300Q2YS60A MITSUBISHI-MG300Q2YS60A Datasheet
218Kb / 8P
   High Power Switching Applications Motor Control Applications
MG400Q2YS60A MITSUBISHI-MG400Q2YS60A Datasheet
219Kb / 8P
   High Power Switching Applications Motor Control Applications
MG400V1US51A MITSUBISHI-MG400V1US51A Datasheet
118Kb / 7P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
MIG400Q2CMB1X MITSUBISHI-MIG400Q2CMB1X Datasheet
193Kb / 9P
   High Power Switching Applications Motor Control Applications
MIG75Q7CSB1X MITSUBISHI-MIG75Q7CSB1X Datasheet
194Kb / 10P
   High Power Switching Applications Motor Control Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com