Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8421-CZZ Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS8421-CZZ
Description  32-bit, 192 kHz Asynchronous Sample Rate Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8421-CZZ Datasheet(HTML) 5 Page - Cirrus Logic

  CS8421-CZZ Datasheet HTML 1Page - Cirrus Logic CS8421-CZZ Datasheet HTML 2Page - Cirrus Logic CS8421-CZZ Datasheet HTML 3Page - Cirrus Logic CS8421-CZZ Datasheet HTML 4Page - Cirrus Logic CS8421-CZZ Datasheet HTML 5Page - Cirrus Logic CS8421-CZZ Datasheet HTML 6Page - Cirrus Logic CS8421-CZZ Datasheet HTML 7Page - Cirrus Logic CS8421-CZZ Datasheet HTML 8Page - Cirrus Logic CS8421-CZZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
DS641F1
5
CS8421
Figure 53. Linearity Error, 0 to -140 dBFS Input, 200 Hz Tone, 96 kHz:48 kHz ........................................ 31
Figure 54. Linearity Error, 0 to -140 dBFS Input, 200 Hz Tone, 44.1 kHz:192 kHz ................................... 31
Figure 55. Linearity Error, 0 to -140 dBFS Input, 200 Hz Tone, 44.1 kHz:48 kHz ..................................... 31
Figure 56. Linearity Error, 0 to -140 dBFS Input, 200 Hz Tone, 192 kHz:44.1 kHz ................................... 31
Figure 57. THD+N vs. Input Amplitude, 1 kHz Tone, 48 kHz:44.1 kHz ..................................................... 32
Figure 58. THD+N vs. Input Amplitude, 1 kHz Tone, 48 kHz:96 kHz ........................................................ 32
Figure 59. THD+N vs. Input Amplitude, 1 kHz Tone, 96 kHz:48 kHz ........................................................ 32
Figure 60. THD+N vs. Input Amplitude, 1 kHz Tone, 44.1 kHz:192 kHz ................................................... 32
Figure 61. THD+N vs. Input Amplitude, 1 kHz Tone, 44.1 kHz:48 kHz ..................................................... 32
Figure 62. THD+N vs. Input Amplitude, 1 kHz Tone, 192 kHz:48 kHz ...................................................... 32
Figure 63. THD+N vs. Frequency Input, 0 dBFS, 48 kHz:44.1 kHz ........................................................... 33
Figure 64. THD+N vs. Frequency Input, 0 dBFS, 48 kHz:96 kHz .............................................................. 33
Figure 65. THD+N vs. Frequency Input, 0 dBFS, 44.1 kHz:48 kHz ........................................................... 33
Figure 66. THD+N vs. Frequency Input, 0 dBFS, 96 kHz:48 kHz .............................................................. 33
LIST OF TABLES
Table 1. Serial Audio Port Master/Slave and Clock Ratio Select Start-Up Options (MS_SEL) ................. 19
Table 2. Serial Audio Input Port Start-Up Options (SAIF) .......................................................................... 19
Table 3. Serial Audio Output Port Start-Up Options (SAOF) ..................................................................... 19


Similar Part No. - CS8421-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8421-CZZ CIRRUS-CS8421-CZZ Datasheet
646Kb / 36P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421-CZZ CIRRUS-CS8421-CZZ Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421-CZZ CIRRUS-CS8421-CZZ Datasheet
674Kb / 36P
   32-bit, 192-kHz Asynchronous Sample Rate Converter
CS8421-CZZR CIRRUS-CS8421-CZZR Datasheet
646Kb / 36P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421-CZZR CIRRUS-CS8421-CZZR Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
More results

Similar Description - CS8421-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
   32-bit, 192-kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Cirrus Logic
CS8422 CIRRUS-CS8422 Datasheet
1Mb / 82P
   24-bit, 192 kHz, Asynchronous Sample Rate Converter with
logo
Analog Devices
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com