Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42528-DQZR Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS42528-DQZR
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528-DQZR Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS42528-DQZR Datasheet HTML 6Page - Cirrus Logic CS42528-DQZR Datasheet HTML 7Page - Cirrus Logic CS42528-DQZR Datasheet HTML 8Page - Cirrus Logic CS42528-DQZR Datasheet HTML 9Page - Cirrus Logic CS42528-DQZR Datasheet HTML 10Page - Cirrus Logic CS42528-DQZR Datasheet HTML 11Page - Cirrus Logic CS42528-DQZR Datasheet HTML 12Page - Cirrus Logic CS42528-DQZR Datasheet HTML 13Page - Cirrus Logic CS42528-DQZR Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 91 page
background image
10
DS586F1
CS42528
ANALOG OUTPUT CHARACTERISTICS
(TA = 25° C; VA =VARX= 5 V, VD = 3.3 V, Logic “0” = DGND =AGND = 0 V; Logic “1” = VLS = VLC = 5V; Measure-
ment Bandwidth 10 Hz to 20 kHz unless otherwise specified.; Full-scale output 997 Hz sine wave, Test load RL =
3k
Ω, CL = 30 pF; PDN_RCVR = 1; SW_CTRL[1:0] = ‘01’; OMCK = 12.288 MHz; Single-Speed Mode, CX_SCLK =
3.072 MHz; Double-Speed Mode, CX_SCLK = 6.144 MHz; Quad-Speed Mode, CX_SCLK = 12.288 MHz.)
Notes:
7.
One-half LSB of triangular PDF dither is added to data.
8.
Performance limited by 16-bit quantization noise.
Parameter
Symbol
CS42528-CQZ
Min
Typ
Max
CS42528-DQZ
Min
Typ
Max
Unit
Dynamic performance for all modes
Dynamic Range (Note 7)
24-bit A-Weighted
unweighted
16-bit A-Weighted
(Note 8) unweighted
108
105
-
-
114
111
97
94
-
-
-
-
106
103
-
-
114
111
97
94
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
24-bit
0 dB
-20 dB
-60 dB
16-bit
0 dB
(Note 8) -20 dB
-60 dB
THD+N
-
-
-
-
-
-
-100
-91
-51
-94
-74
-34
-94
-
-
-
-
-
-
-
-
-
-
-100
-91
-51
-94
-74
-34
-92
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Idle Channel Noise/Signal-to-Noise
Ratio (A-Weighted)
-
114
-
-
114
-
dB
Interchannel Isolation
(1 kHz)
-90
-
-
90
-
dB
Analog Output Characteristics for all modes
Unloaded Full-Scale Differential Output
Voltage
VFS
.89VA
.94 VA
.99VA
.84 VA
.94VA
1.04VA
Vpp
Interchannel Gain Mismatch
-
0.1
-
-
0.1
-
dB
Gain Drift
-
300
-
-
300
-
ppm/°C
Output Impedance
ZOUT
-
150
-
-
150
-
AC-Load Resistance
RL
3-
-
3
-
-
k
Load Capacitance
CL
-
-
30
-
-
30
pF


Similar Part No. - CS42528-DQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42528-DQZ CIRRUS-CS42528-DQZ Datasheet
1Mb / 91P
   114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
More results

Similar Description - CS42528-DQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42528 CIRRUS-CS42528 Datasheet
1Mb / 91P
   114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42526 CIRRUS-CS42526_05 Datasheet
1Mb / 93P
   114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42526 CIRRUS-CS42526 Datasheet
1Mb / 90P
   114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42518 CIRRUS-CS42518 Datasheet
1Mb / 91P
   110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42518 CIRRUS-CS42518_05 Datasheet
1Mb / 91P
   110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42516 CIRRUS-CS42516_05 Datasheet
1Mb / 91P
   110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42516 CIRRUS-CS42516 Datasheet
1Mb / 90P
   110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42428 CIRRUS-CS42428_05 Datasheet
1Mb / 73P
   114 dB, 192 kHz 8-Ch Codec with PLL
CS42426 CIRRUS-CS42426_05 Datasheet
1Mb / 73P
   114 dB, 192 kHz 6-Ch Codec with PLL
CS42418 CIRRUS-CS42418_05 Datasheet
1Mb / 73P
   110 dB, 192 kHz 8-Ch Codec with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com