Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRD44800 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CRD44800
Description  8-Channel Digital Amplifier Controller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD44800 Datasheet(HTML) 1 Page - Cirrus Logic

  CRD44800 Datasheet HTML 1Page - Cirrus Logic CRD44800 Datasheet HTML 2Page - Cirrus Logic CRD44800 Datasheet HTML 3Page - Cirrus Logic CRD44800 Datasheet HTML 4Page - Cirrus Logic CRD44800 Datasheet HTML 5Page - Cirrus Logic CRD44800 Datasheet HTML 6Page - Cirrus Logic CRD44800 Datasheet HTML 7Page - Cirrus Logic CRD44800 Datasheet HTML 8Page - Cirrus Logic CRD44800 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
8-Channel Digital Amplifier Controller
Features
> 100 dB Dynamic Range - System Level
< 0.03% THD+N @ 1 W - System Level
32 kHz to 192 kHz Sample Rates
Internal Oscillator Circuit Supports 24.576 MHz
to 54 MHz Crystals
Integrated Sample Rate Converter (SRC)
Eliminates Clock Jitter Effects
Input Sample Rate Independent Operation
Power Supply Rejection Realtime Feedback
Spread Spectrum Modulation - Reduces EMI
PWM Popguard® for Single-Ended Mode
Eliminates AM Frequency Interference
Programmable Load Compensation Filters
Support for up to 40 kHz Audio Bandwidth
Digital Volume Control with Soft Ramp
+24 to -127 dB in 0.25 dB Steps
Per Channel Programmable Peak Detect and
Limiter
SPI™ and I²C® Host Control Interfaces
Separate 2.5 V to 5.0 V Serial Port and Host
Control Port Supplies
DAI
Serial
Port
PWMOUTA1+
Power
Supply
Rejection
PWMOUTB1+
SPI/I2C Host
Control Port
SCL/CCLK
AD1/CDIN
AD0/CS
RST
INT
PSR_MCLK
PSR_SYNC
PSR_DATA
PWM
Backend
Control/
Status
GPIO4
GPIO5
GPIO0
GPIO1
GPIO2
XTO
XTI
PWMOUTA1-
PWMOUTB1-
PWMOUTA2+
PWMOUTB2+
PWMOUTA2-
PWMOUTB2-
PWMOUTA3+
PWMOUTB3+
PWMOUTA3-
PWMOUTB3-
MUTE
PWMOUTA4+
PWMOUTB4+
PWMOUTA4-
PWMOUTB4-
DAI_MCLK
DAI_SCLK
DAI_LRCK
DAI_SDIN1
DAI_SDIN2
DAI_SDIN3
DAI_SDIN4
Volume
/ Limiter
Multibit
Σ∆
Modulator
PWM
Conversion
PWM
Conversion
PWM
Conversion
PWM
Conversion
Volume
/ Limiter
Multibit
Σ∆
Modulator
Volume
/ Limiter
Multibit
Σ∆
Modulator
Volume
/ Limiter
Multibit
Σ∆
Modulator
PWM
Clock
Control
Auto Fs
Detect
GPIO3
GPIO6
PSR_EN
PSR_RESET
PS_SYNC
SRC
SYS_CLK
SDA/CDOUT
MARCH '06
DS632F1
CS44800


Similar Part No. - CRD44800

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD44800 CIRRUS-CRD44800 Datasheet
744Kb / 78P
   6-Channel Digital Amplifier Controller
CRD44800 CIRRUS-CRD44800 Datasheet
700Kb / 81P
   8-Channel Digital Amplifier Controller
CRD44800 CIRRUS-CRD44800 Datasheet
1Mb / 76P
   6-Channel Digital Amplifier Controller
CRD44800-ST-FB CIRRUS-CRD44800-ST-FB Datasheet
744Kb / 78P
   6-Channel Digital Amplifier Controller
CRD44800-ST-FB CIRRUS-CRD44800-ST-FB Datasheet
700Kb / 81P
   8-Channel Digital Amplifier Controller
More results

Similar Description - CRD44800

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS44800 CIRRUS-CS44800 Datasheet
700Kb / 81P
   8-Channel Digital Amplifier Controller
CS44600 CIRRUS-CS44600 Datasheet
744Kb / 78P
   6-Channel Digital Amplifier Controller
CS44600 CIRRUS-CS44600_06 Datasheet
1Mb / 76P
   6-Channel Digital Amplifier Controller
logo
Generalplus Technology ...
GPCD9001A GENERALPLUS-GPCD9001A Datasheet
697Kb / 21P
   8-Channel Sound Controller
GPCH8512A GENERALPLUS-GPCH8512A Datasheet
665Kb / 20P
   8-Channel Sound Controller
GPCH8A24A GENERALPLUS-GPCH8A24A Datasheet
562Kb / 19P
   8-Channel Sound Controller
GPCH8256B GENERALPLUS-GPCH8256B Datasheet
592Kb / 20P
   8-Channel Sound Controller
GPCH8501A GENERALPLUS-GPCH8501A Datasheet
701Kb / 20P
   8-Channel Sound Controller
logo
Fairchild Semiconductor
MM74HC151 FAIRCHILD-MM74HC151 Datasheet
71Kb / 7P
   8-Channel Digital Multiplexer
logo
National Semiconductor ...
MM54HCT151 NSC-MM54HCT151 Datasheet
137Kb / 4P
   8-Channel Digital Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com