Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0103MN Datasheet(PDF) 10 Page - NXP Semiconductors

Part # Z0103MN
Description  Triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

Z0103MN Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button Z0103MN Datasheet HTML 4Page - NXP Semiconductors Z0103MN Datasheet HTML 5Page - NXP Semiconductors Z0103MN Datasheet HTML 6Page - NXP Semiconductors Z0103MN Datasheet HTML 7Page - NXP Semiconductors Z0103MN Datasheet HTML 8Page - NXP Semiconductors Z0103MN Datasheet HTML 9Page - NXP Semiconductors Z0103MN Datasheet HTML 10Page - NXP Semiconductors Z0103MN Datasheet HTML 11Page - NXP Semiconductors Z0103MN Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Philips Semiconductors
Z0103/07/09 series
Triacs
Product data
Rev. 02 — 12 September 2002
10 of 12
9397 750 10102
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
8.
Revision history
Table 6:
Revision history
Rev Date
CPCN
Description
02
20020912
Product data; supersedes data of 11 April 2002
Table 5 “Characteristics” Addition of dVcom/dt data. Correction to dVD/dt data
01
20020411
-
Product data; initial version (9397 750 09419)


Similar Part No. - Z0103MN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0103MN STMICROELECTRONICS-Z0103MN Datasheet
74Kb / 8P
   1A TRIACS
Z0103MN STMICROELECTRONICS-Z0103MN Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0103MN NXP-Z0103MN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
logo
ON Semiconductor
Z0103MN ONSEMI-Z0103MN Datasheet
182Kb / 8P
   Sensitive Gate Triac Series Silicon Bidirectional Thyristors
June, 2009 ??Rev. 3
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
   Standard 1A Triacs
More results

Similar Description - Z0103MN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com