Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4536 Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # 4536
Description  High Voltage Planar Dividers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

4536 Datasheet(HTML) 1 Page - Welwyn Components Limited

  4536 Datasheet HTML 1Page - Welwyn Components Limited 4536 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Voltage
Planar Dividers
4530 Series
Dissipation up to 4.5 Watts at 70°C
Voltage up to 15 kV dc
TCR tracking down to 50 ppm/°C
Suitable for high voltage precision dividers,
feedback circuits and measurement systems
4531*
4532*
4533*
4534*
4535*
4536*
4537*
Power rating at 70°C
watts
1.0
1.7
2.0
3.0
2.8
3.6
4.5
Resistance range
ohms
20K to 130M 36K to 250M 36K to 250M 62K to 450M 51K to 370M 82K to 660M 180K to 1.4G
Limiting element voltage
volts
6.5K
6.5K
10K
10K
15K
15K
15K
TCR (20°C to 70°C)
ppm/°C
100+
Resistance tolerance
%
1, 2, 5
Resistance ratio tolerances
%
1, 2, 5
Standard values
Any value to order
Ambient temperature range
°C
-55 to 125
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
207
+TCR tracking 50, 100 ppm/°C
*5th or 6th digit determines protection and lead type (see marking)
x0.05
Dimensions (mm) of Uncoated Resistors*
Substrate
Type
L max
H max
T max
V nom
P nom
nominal
4531
25.7
9
2
5.1
20.3
25 x 8.5
4532
25.7
13
2
5.1
20.3
25 x 12.5
4533
38.7
9
2
5.1
33.0
38 x 8.5
4534
38.7
13
2
5.1
33.0
38 x 12.5
4535
51.2
9
2
7.62
45.7
50 x 8.5
4536
51.2
13
2
7.62
45.7
50 x 12.5
4537
51.2
25.7
2
7.62
45.7
50 x 25
Physical Data
*Conformally coated resistors: Add 1mm to dimensions L and H and 0.5mm to T.
Coating can be extended up to 2mm down leads.
Example: A conformally coated 4531 measures 26.7 x 10 x 2.5 max.


Similar Part No. - 4536

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4536 ETC2-4536 Datasheet
246Kb / 2P
   Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
logo
TT Electronics.
4536 TTELEC-4536 Datasheet
269Kb / 2P
   voltage up to 15 kv dc
4536 TTELEC-4536 Datasheet
280Kb / 2P
   High Voltage Planar Dividers
logo
Heyco.
4536 HEYCO-4536 Datasheet
393Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
logo
RAF ELECTRONIC HARDWARE
4536-440-AL RAF-4536-440-AL Datasheet
91Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
More results

Similar Description - 4536

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
4530 TTELEC-4530_17 Datasheet
280Kb / 2P
   High Voltage Planar Dividers
logo
Token Electronics Indus...
HI83 TOKEN-HI83 Datasheet
658Kb / 7P
   Thick Film Planar Dividers, High Voltage Resistors
NTK TOKEN-NTK Datasheet
402Kb / 4P
   High Voltage Network Dividers
logo
Vishay Siliconix
CDHV VISHAY-CDHV_15 Datasheet
101Kb / 4P
   Thick Film Chip Dividers, High Voltage
Revision: 21-Apr-15
CCF60 VISHAY-CCF60_15 Datasheet
77Kb / 3P
   Thick Film Chip Dividers, High Voltage
Revision: 21-Apr-15
CDHV VISHAY-CDHV Datasheet
132Kb / 5P
   Thick Film Chip Dividers, High Voltage
logo
RHOPOINT COMPONENTS
USVD2-B1M-010-02 RHOPOINT-USVD2-B1M-010-02 Datasheet
384Kb / 1P
   Ultra-Precision Voltage Dividers
logo
RCD COMPONENTS INC.
V5A91QY5 RCD-V5A91QY5 Datasheet
44Kb / 1P
   SPECIAL PURPOSE NETWORKS & VOLTAGE DIVIDERS
logo
List of Unclassifed Man...
1776-C67 ETC2-1776-C67 Datasheet
222Kb / 2P
   Precision Decade Resistor Voltage Dividers
logo
Willow Technologies Ltd
RRY2B WILLOW-RRY2B Datasheet
82Kb / 1P
   SIP RESISTOR NETWORKS VOLTAGE DIVIDERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com