Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC2512-10FT18 Datasheet(PDF) 4 Page - Welwyn Components Limited

Part # DSC2512-10FT18
Description  Double-Sided Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

DSC2512-10FT18 Datasheet(HTML) 4 Page - Welwyn Components Limited

  DSC2512-10FT18 Datasheet HTML 1Page - Welwyn Components Limited DSC2512-10FT18 Datasheet HTML 2Page - Welwyn Components Limited DSC2512-10FT18 Datasheet HTML 3Page - Welwyn Components Limited DSC2512-10FT18 Datasheet HTML 4Page - Welwyn Components Limited DSC2512-10FT18 Datasheet HTML 5Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Double Sided
Chip Resistors
DSC Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 01.06
Welwyn Components
Thermal Performance Data
Ambient Temperature/°C
125
100
75
50
25
0
-15
70
155
Temperature Derating Curve
Power Dissipation/W
80
60
40
20
0
0
0.5
1
1.5
Temperature Rise Curves
1206
2010
2512
Packaging
1206 DSC series resistors are supplied on 8mm carrier tape and 7 inch reels as per IEC 286-3, quantity per reel; 3000.
2010 and 2512 DSC series resistors are supplied on 12mm carrier tape and 7 inch reels as per IEC 286-3, quantity per reel;
2010 : 3000pcs; 2512 : 1800pcs. Reels of 1000pcs are available on request.
2.5
± 0.5
13
± 0.5
33
± 1.0
Marking
(Both sides)
0.8
± 0.15
Wr
P1
A0
D1
D0
P0
P2
T2
T1
K0
T
Tape and reel dimensions (mm)
W
P1
P0
P2
D0
D1
E
F
A0
B0
K0
T
T1
T2
±0.3
±0.1
±0.1
±0.05
±0.1
±0.2
±0.1
±0.05
±0.1
±0.1
±0.1
±0.05
nom
±0.15
1206
8
4
4
2
1.5
1
1.75
3.5
1.95
3.55
1.0
0.2
0.05
1.3
2010
12
4
4
2
1.5
1.5
1.75
5.5
2.79
5.89
0.91
0.28
0.06
1.21
2512
12
8
4
2
1.5
1.5
1.75
5.5
3.61
6.96
1.17
0.28
0.06
1.45


Similar Part No. - DSC2512-10FT18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DSC2512 ETC2-DSC2512 Datasheet
493Kb / 5P
   Double-Sided Chip Resistors
logo
TT Electronics.
DSC2512AS-E24DPB TTELEC-DSC2512AS-E24DPB Datasheet
739Kb / 4P
   Double-Sided Chip Resistors
DSC2512AS-E24DT1 TTELEC-DSC2512AS-E24DT1 Datasheet
739Kb / 4P
   Double-Sided Chip Resistors
DSC2512AS-E24DT18 TTELEC-DSC2512AS-E24DT18 Datasheet
739Kb / 4P
   Double-Sided Chip Resistors
DSC2512AS-E24DT3 TTELEC-DSC2512AS-E24DT3 Datasheet
739Kb / 4P
   Double-Sided Chip Resistors
More results

Similar Description - DSC2512-10FT18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DSC2512 ETC2-DSC2512 Datasheet
493Kb / 5P
   Double-Sided Chip Resistors
logo
TT Electronics.
DSC TTELEC-DSC Datasheet
739Kb / 4P
   Double-Sided Chip Resistors
logo
KODENSHI_AUK CORP.
SG255 KODENSHI-SG255 Datasheet
269Kb / 2P
   Double-sided
logo
List of Unclassifed Man...
PPC228 ETC2-PPC228 Datasheet
535Kb / 1P
   Double Sided Adhesive
logo
KODENSHI_AUK CORP.
SG214B KODENSHI-SG214B Datasheet
286Kb / 2P
   Double-sided Screw-mount
logo
Bertech.
DSFT BERTECH-DSFT Datasheet
158Kb / 1P
   Double Sided Foam Tape
logo
Hubbell Incorporated.
BIBD2010FX HUBBELL-BIBD2010FX Datasheet
258Kb / 1P
   MULTI-PORT Double-Sided Entry.
BIBD2012FX HUBBELL-BIBD2012FX Datasheet
258Kb / 1P
   MULTI-PORT Double-Sided Entry.
BIBD6006FX HUBBELL-BIBD6006FX Datasheet
261Kb / 2P
   MULTI-PORT Double-Sided Entry.
BIBD25012FX HUBBELL-BIBD25012FX Datasheet
258Kb / 1P
   MULTI-PORT Double-Sided Entry.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com