Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVC Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # HVC
Description  High Voltage Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

HVC Datasheet(HTML) 3 Page - Welwyn Components Limited

  HVC Datasheet HTML 1Page - Welwyn Components Limited HVC Datasheet HTML 2Page - Welwyn Components Limited HVC Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type
HVC
2512
-
4M7
F
T 1 8
Size
Value (use IEC62 code)
Tolerance (use IEC62 code)
Packing
D
0.5%
J
5%
F
1%
K
10%
G2%
T3
Tape
1206 or 2010
3000/reel
Standard
T18
2512
1800/reel
2.5 ± 0.5
13 ± 0.5
33 ± 1.0
Marking
(Both sides)
0.8 ± 0.15
Wr
P1
A0
D1
D0
P0
P2
T2
T1
K0
T
High Voltage
Chip Resistors
HVC Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue D · 11.05
Welwyn Components
86
Packaging
HVC Resistors are supplied taped and reeled as per IEC 286-3.
Tape and reel dimensions (mm)
Qty.
Wr
W
P1
P0
P2
D0
D1
E
F
A0
B0
K0
T
T1
T2
per
±0.5
±0.3
±0.1
±0.1
±0.05
±0.1
±0.2
±0.1
±0.05
±0.1
±0.1
±0.1
±0.05
Nom.
±0.15
reel
1206
9
8
4
4
2
1.5
1
1.75
3.5
1.95
3.55
1.0
0.2
0.05
1.3
3000
2010
13
12
8
4
2
1.5
1.5
1.75
5.5
2.79
5.89
0.91
0.28
0.06
1.21
3000
2512
13
12
8
4
2
1.5
1.5
1.75
5.5
3.61
6.96
1.17
0.28
0.06
1.45
1800
Ordering Procedure
Example: HVC2512 at 4.7 megohms and 1% tolerance on a reel of 1800 pieces -
Application Notes
HVC resistors are ideally suited for handling by automatic
methods due to their rectangular shape and the small
dimensional tolerances. Electrical connection to a ceramic
substrate or to a printed circuit board can be made by reflow
or wave soldering of wrap-around terminations.
Wrap-around terminations provide good leach properties and
ensure reliable contact. Due to the robust construction, the
HVC can be immersed in the solder bath for 30 seconds at
260°C. This enables the resistor to be mounted on one side
of a printed circuit board and wire-leaded components
applied on the other side.
HVC resistors themselves can operate at a maximum
temperature of 155°C (see performance above). For soldered
resistors, the joint temperature should not exceed 110°C. This
condition is met when the stated power levels at 70°C are used.
The PCB layout should avoid tracks running between the HVC
mounting pads, as this would compromise the LEV.
The LEV stated applies to operation at sea-level pressure, in a
non-condensing atmosphere and non-contaminating
environment. Voltage derating should be applied if low
pressure, high humidity or contamination may be encountered.
The termination clearance dimension (B) should be used in
conjunction with the creepage limit applicable to the circuit
application in order to determine the derated LEV.


Similar Part No. - HVC

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
HVC JIANGHAI-HVC Datasheet
456Kb / 2P
   PC SMD 105째C Very Low ESR High Ripple Current 2.000h Lifetime(Polymer SMD)
logo
HolyStone International
HVC HOLYSTONECAPS-HVC Datasheet
387Kb / 4P
   High Voltage NP0 and X7R Capacitors
logo
RUBYCON CORPORATION
HVC RUBYCON-HVC Datasheet
188Kb / 2P
   POWER FILM CAPACITORS
logo
TT Electronics.
HVC TTELEC-HVC Datasheet
435Kb / 3P
   Robust thick film construction
logo
Ohmite Mfg. Co.
HVC OHMITE-HVC Datasheet
330Kb / 2P
   Precision High-Value High-voltage Wraparound Chip
More results

Similar Description - HVC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRHV VISHAY-CRHV Datasheet
175Kb / 2P
   High Voltage Chip Resistors
Revision: 02-Oct-14
logo
YAGEO Corporation
RV0603DR-0710KL YAGEO-RV0603DR-0710KL Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
logo
IRC - a TT electronics ...
TKC-HVC1206100K-K IRCTT-TKC-HVC1206100K-K Datasheet
295Kb / 2P
   High Voltage Chip Resistors
logo
Rohm
KTR18EZPJ335 ROHM-KTR18EZPJ335 Datasheet
426Kb / 5P
   High Voltage Resistance Chip Resistors
KTR10 ROHM-KTR10_08 Datasheet
73Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18 ROHM-KTR18_08 Datasheet
74Kb / 4P
   High Voltage Resistance Chip Resistors
KTR18EZPJ391 ROHM-KTR18EZPJ391 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ271 ROHM-KTR18EZPJ271 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ395 ROHM-KTR18EZPJ395 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ270 ROHM-KTR18EZPJ270 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com