Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV34 Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # HV34
Description  High Voltage Thick film Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

HV34 Datasheet(HTML) 1 Page - Welwyn Components Limited

  HV34 Datasheet HTML 1Page - Welwyn Components Limited HV34 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Voltage
Thick film Resistors
HV Series
Resistance up to 250M
Low temperature coefficient of resistance
Working voltage up to 20kV
Sets of resistors with matched characteristics
HV31
HV32
HV33
HV34
HV35
Notes
Power rating at 70°C
watts
0.5
0.75
1.0
1.25
1.5
Resistance range
ohms
1K to 50M
1K to 100M 1K to 150M 1K to 200M 1K to 250M
Limiting element voltage
volts
1K
2K
4K
7K
10K
In air
2K
4K
8K
14K
20K
In oil
TCR (20°C to 70°C)
ppm/°C
50, 100
Resistance tolerance
%
1, 2, 5
Values
E24 preferred
Any value to
special order
Thermal impedance
°C/watt
75
70
60
65
60
Ambient temperature range
°C
-55 to 155
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
195
Construction
A ruthenium oxide based resistive film is fired onto a high
quality ceramic former. Brass caps are force fitted to the
HV32, 34 and 35 rods and plated steel caps to the 31 and 33
sizes. The resistor is adjusted to value by a helical cut in the
film, and the body is protected with a silicone coating.
Marking
Type reference, resistance value, tolerance and date code are
legend marked. The resistance values conform to IEC 62.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Terminations
Material
Solder coated copper wire.
Strength
The terminations meet the requirements of
IEC 68.2.21.
Solderability
The terminations meet the requirements of
IEC 115.1, Clause 4.17.3.2
Dimensions (mm) & Weight (g)
PCB
Min.
mounting
Bend
Type
L max
D max
f min
d nom
centres
Radius
Wt. nom
HV31
10.0
3.5
30.0
0.6
12.7
0.6
0.5
HV32
19.0
3.6
30.0
0.6
25.4
0.6
0.6
HV33
15.5
5.3
30.0
0.8
18.4
1.2
1.2
HV34
38.0
3.6
30.0
0.6
44.4
0.6
1.1
HV35
50.8
3.6
30.0
0.6
57.2
0.6
1.25
Physical Data
L
D
f
d


Similar Part No. - HV34

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV3418 SUTEX-HV3418 Datasheet
443Kb / 5P
   64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV3418 SUTEX-HV3418 Datasheet
598Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418DG SUTEX-HV3418DG Datasheet
443Kb / 5P
   64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV3418PG SUTEX-HV3418PG Datasheet
443Kb / 5P
   64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results

Similar Description - HV34

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
   High Voltage Thick Film Resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15 Datasheet
259Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
VRW25 WELWYN-VRW25 Datasheet
79Kb / 3P
   High Voltage Thick Film Resistors
logo
Riedon Powertron
HTE39-100MJ RIEDON-HTE39-100MJ Datasheet
141Kb / 2P
   High Voltage / Thick Film Resistors
HTE RIEDON-HTE Datasheet
141Kb / 2P
   High Voltage / Thick Film Resistors
HVR25 RIEDON-HVR25_13 Datasheet
170Kb / 2P
   High Voltage / Thick Film Leaded Resistors
logo
List of Unclassifed Man...
HVP03 ETC-HVP03 Datasheet
428Kb / 1P
   HIGH VOLTAGE THICK FILM PLANAR RESISTORS
logo
Bourns Electronic Solut...
CHV BOURNS-CHV Datasheet
165Kb / 4P
   Thick Film High Voltage Chip Resistors
logo
Vishay Siliconix
CRHV VISHAY-CRHV_15 Datasheet
87Kb / 4P
   Thick Film Chip Resistors, High Voltage
Revision: 02-Oct-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com