Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFP Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # MFP
Description  Flameproof Power Metal Film Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

MFP Datasheet(HTML) 2 Page - Welwyn Components Limited

  MFP Datasheet HTML 1Page - Welwyn Components Limited MFP Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Flameproof Power
Metal Film Resistors
MFP Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue D · 03.06
Welwyn Components
144
Application Notes
1. If the resistors are to dissipate full rated power, it is
recommended that the terminations should not be
soldered closer than 4mm from the body.
2. Due to operating temperature limitations imposed by some
pcb materials, derating may be necessary. An estimate of
the temperature rise to be expected can be calculated
using the thermal impedance figures given under Electrical
Data.
3. MFP resistors an also be supplied pre-formed.
b
f1
f2
6
6
5
Body location f1 – f2
≤ 1.4 mm
Figure 1
Packaging
MFP resistors are normally supplied tape packed ready for
loading onto automatic sequencing and insertion machines.
The standard taping method and critical dimensions are
shown in Figure 1.
Component wires will not protrude beyond the outside edge
of the tapes.
Alternative packaging available by request.
Lead Formed resistors can also be supplied. Standard options
of Lancet, Radial and Goalpost forming are shown in lead
Form Information section.
Maximum
Load at rated power : 1000 hours at 70°C
∆R %
5
Shelf life : 12 months at room temperature
∆R %
2
Derating from rated power at 70°C
∆R %
zero at 155°C
Climatic
∆R %
3
Climatic category
50/155/56
Temperature rapid change
∆R %
0.5
Resistance to solder heat
∆R %
0.5
Voltage proof
volts
500 min
Performance Data
Type
MFP1
MFP2
Ammo pack
5000
2000
Standard Quantities Per Package
Type
MFP1
MFP2
b (mm)
52
68


Similar Part No. - MFP

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
MFP TTELEC-MFP Datasheet
331Kb / 2P
   Smallest size for power rating
logo
List of Unclassifed Man...
MFP-A2422 ETC2-MFP-A2422 Datasheet
530Kb / 2P
   GOAT ANTI ANTI-MOUSE IGG G (HL) A ANTIBODY
logo
TDK Electronics
MFP-B32632634 TDK-MFP-B32632634 Datasheet
518Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
MFP-B32692694 TDK-MFP-B32692694 Datasheet
480Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
logo
Interpoint Corporation ...
MFP0507S INTERPOINT-MFP0507S Datasheet
984Kb / 19P
   No external components required Operating temperature -70째 to 150째C
More results

Similar Description - MFP

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
   FLAMEPROOF POWER METAL FILM RESISTORS
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
   Flameproof Power Metal Film Resistors
logo
Welwyn Components Limit...
FA025 WELWYN-FA025 Datasheet
93Kb / 2P
   Flameproof Metal Film Resistors
logo
Vishay Siliconix
CCF02 VISHAY-CCF02 Datasheet
272Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision 02-Feb-06
CPF21K2000FKE14 VISHAY-CPF21K2000FKE14 Datasheet
242Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision: 05-Oct-05
CCF02 VISHAY-CCF02_15 Datasheet
144Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision: 15-Nov-12
FP000520K0J9500LB VISHAY-FP000520K0J9500LB Datasheet
241Kb / 5P
   Metal Film Resistors, Industrial, Flameproof
Revision: 01-Feb-13
CPF VISHAY-CPF Datasheet
98Kb / 4P
   Metal Film Resistors, Industrial Power, Precision, Flameproof
Revision: 11-Sep-13
FP VISHAY-FP Datasheet
234Kb / 5P
   Metal Film Resistors, Industrial, Flameproof
Revision: 01-Feb-13
CPF350R000FKE36 VISHAY-CPF350R000FKE36 Datasheet
99Kb / 3P
   Metal Film Resistors, Industrial Power, Precision, Flameproof
Revision: 11-Mar-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com