Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89HPES48T12 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 89HPES48T12
Description  48-Lane 12-Port PCI Express짰 Switch
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES48T12 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 89HPES48T12 Datasheet HTML 3Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 4Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 5Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 6Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 7Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 8Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 9Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 10Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
7 of 47
July 19, 2007
IDT 89HPES48T12 Data Sheet
GPIO[10]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: P5RSTN
Alternate function pin type: Output
Alternate function: Reset output for downstream port 5
GPIO[11]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: P6RSTN
Alternate function pin type: Output
Alternate function: Reset output for downstream port 6
GPIO[12]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: P7RSTN
Alternate function pin type: Output
Alternate function: Reset output for downstream port 7
GPIO[13]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: P8RSTN
Alternate function pin type: Output
Alternate function: Reset output for downstream port 8
GPIO[14]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: P9RSTN
Alternate function pin type: Output
Alternate function: Reset output for downstream port 9
GPIO[15]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: P10RSTN
Alternate function pin type: Output
Alternate function: Reset output for downstream port 10
GPIO[16]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: P11RSTN
Alternate function pin type: Output
Alternate function: Reset output for downstream port 11
GPIO[17]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
GPIO[18]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
GPIO[19]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
GPIO[20]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
GPIO[21]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: IOEXPINTN0
Alternate function pin type: Input
Alternate function: SMBus I/O expander interrupt 0
Signal
Type
Name/Description
Table 4 General Purpose I/O Pins (Part 2 of 3)


Similar Part No. - 89HPES48T12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES48T12 RENESAS-89HPES48T12 Datasheet
610Kb / 48P
   48-Lane 12-Port PCI Express® Switch
October 3, 2011
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES48T12ZABL RENESAS-89HPES48T12ZABL Datasheet
610Kb / 48P
   48-Lane 12-Port PCI Express® Switch
October 3, 2011
89HPES48T12ZABLI RENESAS-89HPES48T12ZABLI Datasheet
610Kb / 48P
   48-Lane 12-Port PCI Express® Switch
October 3, 2011
89HPES48T12ZABR RENESAS-89HPES48T12ZABR Datasheet
610Kb / 48P
   48-Lane 12-Port PCI Express® Switch
October 3, 2011
More results

Similar Description - 89HPES48T12

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES12N3A IDT-89HPES12N3A Datasheet
56Kb / 2P
   12 Lane 3-Port PCI Express짰 Switch
89PES12N3 IDT-89PES12N3 Datasheet
54Kb / 2P
   12 Lane 3-Port PCI Express짰 Switch
89HPES12NT3 IDT-89HPES12NT3 Datasheet
494Kb / 29P
   12-lane 3-Port Non-Transparent PCI Express짰 Switch
89HPES24T6 IDT-89HPES24T6 Datasheet
56Kb / 2P
   24-Lane 6-Port PCI Express짰 Switch
89HPES24N3A IDT-89HPES24N3A Datasheet
55Kb / 2P
   24-Lane 3-Port PCI Express짰 Switch
logo
Renesas Technology Corp
89PES5T5 RENESAS-89PES5T5 Datasheet
385Kb / 29P
   5-Lane 5-Port PCI Express짰 Switch
June 18, 2014
logo
Integrated Device Techn...
89HPES16T7 IDT-89HPES16T7 Datasheet
59Kb / 2P
   16-Lane 7-Port PCI Express짰 Switch
logo
Renesas Technology Corp
89HPES48T12 RENESAS-89HPES48T12 Datasheet
610Kb / 48P
   48-Lane 12-Port PCI Express® Switch
October 3, 2011
logo
Integrated Device Techn...
89HPES48H12 IDT-89HPES48H12 Datasheet
1Mb / 48P
   48-Lane 12-Port PCI Express System Interconnect Switch
89HPES8NT2 IDT-89HPES8NT2 Datasheet
53Kb / 3P
   8-Lane 2-Port Non-Transparent PCI Express짰 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com