Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89HPES64H16 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 89HPES64H16
Description  64-Lane 16-Port PCI Express System Interconnect Switch
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES64H16 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 89HPES64H16 Datasheet HTML 3Page - Integrated Device Technology 89HPES64H16 Datasheet HTML 4Page - Integrated Device Technology 89HPES64H16 Datasheet HTML 5Page - Integrated Device Technology 89HPES64H16 Datasheet HTML 6Page - Integrated Device Technology 89HPES64H16 Datasheet HTML 7Page - Integrated Device Technology 89HPES64H16 Datasheet HTML 8Page - Integrated Device Technology 89HPES64H16 Datasheet HTML 9Page - Integrated Device Technology 89HPES64H16 Datasheet HTML 10Page - Integrated Device Technology 89HPES64H16 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
7 of 49
July 19, 2007
IDT 89HPES64H16 Data Sheet
GPIO[9]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: P4RSTN
Alternate function pin type: Output
Alternate function: Reset output for downstream port 4
GPIO[10]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: P5RSTN
Alternate function pin type: Output
Alternate function: Reset output for downstream port 5
GPIO[11]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: P6RSTN
Alternate function pin type: Output
Alternate function: Reset output for downstream port 6
GPIO[12]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: P7RSTN
Alternate function pin type: Output
Alternate function: Reset output for downstream port 7
GPIO[13]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: P8RSTN
Alternate function pin type: Output
Alternate function: Reset output for downstream port 8
GPIO[14]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: P9RSTN
Alternate function pin type: Output
Alternate function: Reset output for downstream port 9
GPIO[15]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: P10RSTN
Alternate function pin type: Output
Alternate function: Reset output for downstream port 10
GPIO[16]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: P11RSTN
Alternate function pin type: Output
Alternate function: Reset output for downstream port 11
GPIO[17]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: P12RSTN
Alternate function pin type: Output
Alternate function: Reset output for downstream port 12
GPIO[18]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: P13RSTN
Alternate function pin type: Output
Alternate function: Reset output for downstream port 13
Signal
Type
Name/Description
Table 4 General Purpose I/O Pins (Part 2 of 4)


Similar Part No. - 89HPES64H16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES64H16 RENESAS-89HPES64H16 Datasheet
623Kb / 50P
   64-Lane 16-Port PCI Express® System Interconnect Switch
September 28, 2011
logo
Integrated Device Techn...
89HPES64H16AG2 IDT-89HPES64H16AG2 Datasheet
472Kb / 62P
   Low latency cut-through architecture
logo
Renesas Technology Corp
89HPES64H16AG2 RENESAS-89HPES64H16AG2 Datasheet
671Kb / 63P
   64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
logo
Integrated Device Techn...
89HPES64H16G2 IDT-89HPES64H16G2 Datasheet
458Kb / 57P
   Low latency cut-through architecture
logo
Renesas Technology Corp
89HPES64H16G2 RENESAS-89HPES64H16G2 Datasheet
659Kb / 58P
   64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
More results

Similar Description - 89HPES64H16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES64H16 RENESAS-89HPES64H16 Datasheet
623Kb / 50P
   64-Lane 16-Port PCI Express® System Interconnect Switch
September 28, 2011
logo
Integrated Device Techn...
89HPES48H12 IDT-89HPES48H12 Datasheet
1Mb / 48P
   48-Lane 12-Port PCI Express System Interconnect Switch
89HPES32H8 IDT-89HPES32H8 Datasheet
871Kb / 40P
   32-Lane 8-Port PCI Express System Interconnect Switch
logo
Renesas Technology Corp
89HPES48H12 RENESAS-89HPES48H12 Datasheet
621Kb / 49P
   48-Lane 12-Port PCI Express® System Interconnect Switch
October 3, 2011
89HPES32H8 RENESAS-89HPES32H8 Datasheet
655Kb / 41P
   32-Lane 8-Port PCI Express® System Interconnect Switch
October 3, 2011
89HPES16H16 RENESAS-89HPES16H16 Datasheet
472Kb / 37P
   16-Lane 16-Port PCI Express® Switch
October 3, 2011
89HPES64H16G2 RENESAS-89HPES64H16G2 Datasheet
659Kb / 58P
   64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES64H16AG2 RENESAS-89HPES64H16AG2 Datasheet
671Kb / 63P
   64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES34H16 RENESAS-89HPES34H16 Datasheet
611Kb / 46P
   34-Lane 16-Port PCI Express® Switch
October 3, 2011
89HPES16T7 RENESAS-89HPES16T7 Datasheet
951Kb / 34P
   16-Lane 7-Port PCI Express® Switch
March 25, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com