Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTVS330DCG Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDTVS330DCG
Description  LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTVS330DCG Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDTVS330DCG Datasheet HTML 2Page - Integrated Device Technology IDTVS330DCG Datasheet HTML 3Page - Integrated Device Technology IDTVS330DCG Datasheet HTML 4Page - Integrated Device Technology IDTVS330DCG Datasheet HTML 5Page - Integrated Device Technology IDTVS330DCG Datasheet HTML 6Page - Integrated Device Technology IDTVS330DCG Datasheet HTML 7Page - Integrated Device Technology IDTVS330DCG Datasheet HTML 8Page - Integrated Device Technology IDTVS330DCG Datasheet HTML 9Page - Integrated Device Technology IDTVS330DCG Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IDTVS330
LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
COMMERCIAL TEMPERATURE RANGE
LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
9
IDTVS330
7012/6
CONFIDENTIAL
Package Dimensions - QSOP
150 mil SSOP (QSOP)
N
INDEX
AREA
12
A2
D
A
A1
b
e
10 (.004)
- C -
SEATING
PLANE
C
E
E1
C
L
α
ZD
Symbol
In Millimeters
Common Dimensions1
In Inches
Common Dimensions
MIN
MAX
MIN
MAX
A
1.351.75.053
.069
A1
0.10
0.25
.004
.010
A2
1.50
.059
b
0.200.30.008
.012
c
0.180.25.007
.010
D
4.80
5.00
.189
.197
E
5.806.20.228
.244
E1
3.80
4.00
.150
.157
e
0.635 BASIC
0.025 BASIC
L
0.401.27.016
.050
N16
16
á0°
ZD
.23 Ref
.009 Ref
1. For reference only. Controlling dimensions are in inches.


Similar Part No. - IDTVS330DCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTVS512 IDT-IDTVS512 Datasheet
142Kb / 8P
   WIDE BANDWIDTH VIDEO SIGNAL SWITCH, 5 PORT
IDTVS512QG IDT-IDTVS512QG Datasheet
142Kb / 8P
   WIDE BANDWIDTH VIDEO SIGNAL SWITCH, 5 PORT
IDTVS512QGT IDT-IDTVS512QGT Datasheet
142Kb / 8P
   WIDE BANDWIDTH VIDEO SIGNAL SWITCH, 5 PORT
More results

Similar Description - IDTVS330DCG

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330_13 Datasheet
863Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330SWE PERICOM-PI5V330SWE Datasheet
839Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Princeton Technology Co...
PT2328 PTC-PT2328_10 Datasheet
460Kb / 23P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328 PTC-PT2328 Datasheet
460Kb / 23P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Diodes Incorporated
PI5V330S DIODES-PI5V330S Datasheet
789Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
12/12/12
logo
Unisonic Technologies
US5V330 UTC-US5V330 Datasheet
170Kb / 6P
   WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX WITH LOW ON-RESISTANCE
logo
Pericom Semiconductor C...
PI5V332 PERICOM-PI5V332 Datasheet
405Kb / 7P
   Low On-Resistance Wideband/Video Quad with Individual Control
logo
Vishay Siliconix
DG641 VISHAY-DG641_11 Datasheet
321Kb / 18P
   Low On-Resistance Wideband/Video Switches
Rev. F, 31-Jan-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com