Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9920A Datasheet(PDF) 1 Page - Analog Devices

Part # AD9920A
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920A Datasheet(HTML) 1 Page - Analog Devices

  AD9920A Datasheet HTML 1Page - Analog Devices AD9920A Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12-Bit CCD Signal Processor with V-Driver
and Precision Timing Generator
AD9920A
Rev. Sp0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Integrated 19-channel V-driver
1.8 V AFETG core
24 programmable vertical clock signals
Correlated double sampler (CDS) with −3 dB, 0 dB,
+3 dB, and +6 dB gain
12-bit, 40.5 MHz analog-to-digital converter (ADC)
Black level clamp with variable level control
Complete on-chip timing generator
Precision Timing core with ~400 ps resolution
On-chip 3 V horizontal and RG drivers
General-purpose outputs (GPOs) for shutter and
system support
On-chip sync generator with external sync input
On-chip 1.8 V low dropout (LDO)
105-lead 8 mm × 8 mm CSP_BGA package
APPLICATIONS
Digital still cameras
GENERAL DESCRIPTION
The AD9920A is a highly integrated charge-coupled device (CCD)
signal processor for digital still camera applications. It includes a
complete analog front end (AFE) with analog-to-digital conversion,
combined with a full-function programmable timing generator
and 19-channel vertical driver (V-driver). The timing generator
is capable of supporting up to 26 vertical clock signals to control
advanced CCDs. The on-chip V-driver supports up to 19 channels
for use with 6-field CCDs. A Precision Timing™ core allows adjust-
ment of high speed clocks with approximately 400 ps resolution
at 40.5 MHz operation. The AD9920A also contains six GPOs
that can be used for shutter and system functions.
The analog front end includes black level clamping, variable
gain CDS, and a 12-bit ADC. The timing generator provides all
the necessary CCD clocks: RG, H-clocks, V-clocks, sensor gate
pulses, substrate clock, and substrate bias control.
The AD9920A is specified over an operating temperature range
of −25°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
AD9920A
CDS
VGA
CLAMP
12-BIT
ADC
DCLK
SCK
SDATA
CLI
VREF
6dB TO 42dB
HORIZONTAL
DRIVERS
VERTICAL
TIMING
CONTROL
RG
H1 TO H8
24
GPO5
GPO6
REFT REFB
PRECISION
TIMING
GENERATOR
SYNC
GENERATOR
INTERNAL CLOCKS
HD
VD
INTERNAL
REGISTERS
CCDIN
–3dB, 0dB, +3dB, +6dB
12
HL
CLO
GPO1 TO GPO4,
GPO7, GPO8
XV1 TO XV24
XSUBCK
8
6
1.8V OUTPUT
3V INPUT
LDO
REG
VERTICAL
DRIVER
19
SUBCK
XSUBCNT
SYNC/RSTB
V1A TO V6 (3-LEVEL)
V7 TO V15 (2-LEVEL)
DOUT
SL
Figure 1.
For more information about the AD9920A, contact Analog Devices via email at afe.ccd@analog.com.


Similar Part No. - AD9920A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9920ABBCZRL AD-AD9920ABBCZRL Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9920A AD-AD9920A_15 Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
More results

Similar Description - AD9920A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9920A AD-AD9920A_15 Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9923A AD-AD9923A Datasheet
1Mb / 88P
   CCD Signal Processor with V-Driver and Precision Timing??Generator
REV. 0
AD9992 AD-AD9992 Datasheet
775Kb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9992 AD-AD9992 Datasheet
1Mb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
AD9995 AD-AD9995_15 Datasheet
2Mb / 60P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
   CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
AD9995 AD-AD9995 Datasheet
1Mb / 60P
   12-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
AD9994 AD-AD9994 Datasheet
63Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing Generator
Rev. Sp0
AD9992 AD-AD9992_15 Datasheet
1Mb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com