Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65KG512AB Datasheet(PDF) 1 Page - STMicroelectronics

Part # M65KG512AB
Description  512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG512AB Datasheet(HTML) 1 Page - STMicroelectronics

  M65KG512AB Datasheet HTML 1Page - STMicroelectronics M65KG512AB Datasheet HTML 2Page - STMicroelectronics M65KG512AB Datasheet HTML 3Page - STMicroelectronics M65KG512AB Datasheet HTML 4Page - STMicroelectronics M65KG512AB Datasheet HTML 5Page - STMicroelectronics M65KG512AB Datasheet HTML 6Page - STMicroelectronics M65KG512AB Datasheet HTML 7Page - STMicroelectronics M65KG512AB Datasheet HTML 8Page - STMicroelectronics M65KG512AB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
February 2007
Rev 3
1/54
1
M65KG512AB
512Mbit (4 banks x 8 Mb x 16)
1.8 V supply, DDR low power SDRAM
Features
512Mbit Synchronous Dynamic RAM
– Organized as 4 banks of 8 Mwords, each
16 bits wide
Double Data Rate (DDR)
– 2 Data Transfers/Clock cycle
– Data Rate: 332 Mbit/s max. for 6ns speed
class
Supply voltage
–VDD = 1.7 to 1.9 V (1.8 V typical in
accordance with JEDEC standard)
–VDDQ = 1.7 to 1.9 V for Inputs/Outputs
Synchronous Burst Read and Write
– Fixed Burst Lengths: 2-, 4-, 8-, 16 words
– Burst Types: Sequential and Interleaved.
– Clock Frequency: 133 MHz (7.5 ns speed
class), 166 MHz (6 ns speed class)
– Clock Valid to Output Delay (CAS Latency):
3 at the maximum clock frequency
– Burst Read Control by Burst Read
Terminate And Precharge Commands
Automatic Precharge
Byte Write controlled by LDQM and UDQM
Low-power features
– Partial Array Self Refresh (PASR)
– Automatic Temperature Compensated Self
Refresh (ATCSR)
– Driver Strength (DS)
– Deep Power-Down mode
– Auto Refresh and Self Refresh
LVCMOS interface compatible with multiplexed
addressing
Operating temperature:
−30 to 85 °C
−30 to 105 °C
The M65KG512AB is only available as part of a multi-chip package product.
Wafer
www.st.com


Similar Part No. - M65KG512AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M65KG256AB STMICROELECTRONICS-M65KG256AB Datasheet
506Kb / 51P
   256Mbit (4 Banks x 4M x 16) 1.8V Supply, 133MHz Clock Rate, DDR Low Power SDRAM
M65KG256AB8W8 STMICROELECTRONICS-M65KG256AB8W8 Datasheet
506Kb / 51P
   256Mbit (4 Banks x 4M x 16) 1.8V Supply, 133MHz Clock Rate, DDR Low Power SDRAM
More results

Similar Description - M65KG512AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M65KA512AB STMICROELECTRONICS-M65KA512AB Datasheet
502Kb / 55P
   512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
logo
Winbond
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
   4M x 4 BANKS x 16 BIT DDR SDRAM
W9425G6DH WINBOND-W9425G6DH Datasheet
1Mb / 53P
   4M X 4 BANKS X 16 BITS DDR SDRAM
W942516CH WINBOND-W942516CH Datasheet
2Mb / 47P
   4M X 4 BANKS X 16 BIT DDR SDRAM
W942508CH WINBOND-W942508CH Datasheet
1Mb / 47P
   8M x 4 BANKS x 8 BIT DDR SDRAM
W9425G6JB WINBOND-W9425G6JB Datasheet
988Kb / 50P
   4 M x 4 BANKS x 16 BITS DDR SDRAM
W9425G6JH WINBOND-W9425G6JH_13 Datasheet
940Kb / 52P
   4 M x 4 BANKS x 16 BITS DDR SDRAM
logo
Maxwell Technologies
48SD1616 MAXWELL-48SD1616 Datasheet
596Kb / 42P
   256 Mb SDRAM 4-Meg X 16-Bit X 4-Banks
48SD6404 MAXWELL-48SD6404 Datasheet
596Kb / 42P
   256 Mb SDRAM 16-Meg X 4-Bit X 4-Banks
48SD3208 MAXWELL-48SD3208 Datasheet
589Kb / 39P
   256 Mb SDRAM 8-Meg X 8-Bit X 4-Banks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com