Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PW-20E Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # PW-20E
Description  General Purpose Power Wirewound Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

PW-20E Datasheet(HTML) 3 Page - Welwyn Components Limited

  PW-20E Datasheet HTML 1Page - Welwyn Components Limited PW-20E Datasheet HTML 2Page - Welwyn Components Limited PW-20E Datasheet HTML 3Page - Welwyn Components Limited PW-20E Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General Purpose Power
Wirewound Resistors
PW Series
20 watts to 50 watts
0.10 ohms to 2.0K ohms
±10% or ±5% tolerance
Customs
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
113
PW-20E
PW-30
PW-40
PW-50E
Power rating at 25°C
watts
20
30
40
50
Resistance range
ohms
0R1 to 2K
0R5 to 1K2
0R65 to 1K5
0R08 to 1K8
Electrical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
Please note: When ordering the alternative configuration please add an ‘A’ after the part number. (i.e., PW-2A)
0.032
±0.0025
0.205 or 0.187
±0.005
0.157
±0.020
0.250 (Typ.)
0.5
±0.030
0.5
±0.030
5/32 Dia. Thru (2)
A
0.069
±0.005
0.25
±0.031
0.032
±0.0025
0.375
0.200 (Typ.)
0.135
±0.015
0.25
0.75
0.282
±0.020
0.75
±0.030
0.75
±0.030
0.875
5/32 Dia. Thru (2)
A
B
0.125
±0.015
PW-20E Wirewound
PW-30, 40 and 50E Wirewound
PW-20E Alternate Terminal Configuration
Printed Circuit Terminal
Dimensions (Inches)
A ±0.030
B ±0.060
PW-20E
1.875
2.50
PW-30
2.00
2.55
PW-40
2.45
3.00
PW-50E
3.075
3.625
2.000
±0.040
0.187
±0.010
1.410
±0.040
1.050 Min.
0.060 Dia. (2)
0.500
±0.030
0.500
±0.030
0.840
±0.040
0.250 min.
0.020
PW-15E
100
80
60
40
20
0
0
50
100
150
200
250
Ambient Temperature (
°C)
PW-20E, PW-30, PW-40
PW-50E without bracket
300
250
200
150
100
50
0
0
25
50
75
100
125
Percent of Rated Load
PW-30
PW-40
PW-50E
PW-20E
With Bracket:
PW-30 Increased to 40 watts
PW-40 Increased to 50 watts
PW-50 Increased to 60 watts
Power Derating
Temperature Rise


Similar Part No. - PW-20E

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PW-2 TTELEC-PW-2 Datasheet
346Kb / 2P
   Lead free, RoHS compliant construction available
PW-22 TTELEC-PW-22 Datasheet
346Kb / 2P
   Lead free, RoHS compliant construction available
logo
Crestron Electronics, I...
PW-2407WURA CRESTRON-PW-2407WURA Datasheet
811Kb / 4P
   8.7??Wireless Touch Screen
logo
TT Electronics.
PW-25 TTELEC-PW-25 Datasheet
346Kb / 2P
   Lead free, RoHS compliant construction available
More results

Similar Description - PW-20E

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SPP WELWYN-SPP Datasheet
109Kb / 2P
   General Purpose Wirewound Resistors
SP20 WELWYN-SP20 Datasheet
130Kb / 2P
   General-Purpose Failsafe Moulded Wirewound Resistors
WA83-470RJI WELWYN-WA83-470RJI Datasheet
388Kb / 3P
   General Purpose Cement Coated Wirewound Resistors
WA80 WELWYN-WA80 Datasheet
114Kb / 3P
   General Purpose Cement Coated Wirewound Resistors
SPH WELWYN-SPH Datasheet
629Kb / 2P
   General-Purpose Failsafe Moulded Wirewound Resistors
logo
Vishay Siliconix
SPR2213 VISHAY-SPR2213 Datasheet
199Kb / 3P
   Wirewound Resistors, Special Purpose, Commercial, High Power
Revision: 04-Feb-11
logo
List of Unclassifed Man...
RP2W101JB ETC1-RP2W101JB Datasheet
60Kb / 3P
   POWER WIREWOUND RESISTORS
logo
Vishay Siliconix
VNC VISHAY-VNC Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com