Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8887 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8887
Description  Low-Dropout, 300mA Linear Regulators in SOT23
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8887 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8887_06 Datasheet HTML 1Page - Maxim Integrated Products MAX8887_06 Datasheet HTML 2Page - Maxim Integrated Products MAX8887_06 Datasheet HTML 3Page - Maxim Integrated Products MAX8887_06 Datasheet HTML 4Page - Maxim Integrated Products MAX8887_06 Datasheet HTML 5Page - Maxim Integrated Products MAX8887_06 Datasheet HTML 6Page - Maxim Integrated Products MAX8887_06 Datasheet HTML 7Page - Maxim Integrated Products MAX8887_06 Datasheet HTML 8Page - Maxim Integrated Products MAX8887_06 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Low-Dropout, 300mA Linear Regulators in SOT23
_______________________________________________________________________________________
5
LINE-TRANSIENT RESPONSE
MAX8887/8 toc13
20mV/div
AC-COUPLED
4V
4.5V
VOUT
VIN
VOUT = 3.3V
ILOAD = 100mA
100
μs/div
SHUTDOWN WAVEFORM
MAX8887/8 toc14
VSHDN
1V/div
DC-COUPLED
2V/div
VOUT
VOUT = 3.3V, RLOAD = 10
Ω
20
μs/div
POK WAVEFORM
MAX8887/8 toc15
2V/div
2V/div
2V/div
VOUT
VPOK
VIN
VOUT = 3.3V, RLOAD = 100
Ω
20ms/div
Pin Description
MAX8887
MAX8888
NAME
FUNCTION
11
IN
Regulator Input. Supply voltage can range from 2.5V to 5.5V. Bypass with 2.2µF
capacitor to GND (see the Capacitor Selection and Regulator Stability section).
2
2
GND
Ground
33
SHDN
Active-Low Shutdown Input. A logic low reduces the supply current to below 0.1µA.
In shutdown, POK and OUT are driven low. Connect to IN for normal operation.
—4
POK
Open-Drain Active-Low POK Output. POK remains low while the output voltage (VOUT) is
below the reset threshold. Connect a 100k
Ω pullup resistor to OUT to obtain a logic level
output. POK is driven low in shutdown. If not used, leave this pin unconnected.
4
BP
Reference Bypass. Bypass with a low-leakage 0.01µF ceramic capacitor.
5
5
OUT
Regulator Output. Sources up to 300mA guaranteed. Bypass with 2.2µF (<0.2
Ω typical
ESR) ceramic capacitor to GND.
LOAD-TRANSIENT RESPONSE
NEAR DROPOUT
MAX8887/8 toc12
50mV/div
AC-COUPLED
300mA
10mA
VOUT
IOUT
VOUT = 3.3V
VIN = 3.4V
10
μs/div
Typical Operating Characteristics (continued)
(Typical Operating Circuit, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX8887_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8887 MAXIM-MAX8887_09 Datasheet
199Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 4; 7/09
More results

Similar Description - MAX8887_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8887 MAXIM-MAX8887 Datasheet
221Kb / 8P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 2; 6/04
MAX8887 MAXIM-MAX8887_09 Datasheet
199Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 4; 7/09
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131 Datasheet
264Kb / 10P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com