Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB88151A Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB88151A
Description  Spread Spectrum Clock Generator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88151A Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB88151A Datasheet HTML 1Page - Fujitsu Component Limited. MB88151A Datasheet HTML 2Page - Fujitsu Component Limited. MB88151A Datasheet HTML 3Page - Fujitsu Component Limited. MB88151A Datasheet HTML 4Page - Fujitsu Component Limited. MB88151A Datasheet HTML 5Page - Fujitsu Component Limited. MB88151A Datasheet HTML 6Page - Fujitsu Component Limited. MB88151A Datasheet HTML 7Page - Fujitsu Component Limited. MB88151A Datasheet HTML 8Page - Fujitsu Component Limited. MB88151A Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MB88151A
2
■ PRODUCT LINEUP
MB88151A has five kinds of multiplication type.
■ PIN ASSIGNMENT
■ PIN DESCRIPTION
* : XPD
= 800 kΩ pull-up resistor at “L”
Product
Input frequency range
Multiplier ratio
Output frequency range
MB88151A-100/101
16.6 MHz to 33.4 MHz
Multiply-by-1
16.6 MHz to 33.4 MHz
MB88151A-200/201
Multiply-by-2
33.2 MHz to 66.8 MHz
MB88151A-400/401
Multiply-by-4
66.4 MHz to 133.6 MHz
MB88151A-500/501
Multiply-by-1/2
8.3 MHz to 16.7 MHz
MB88151A-800/801
8.3 MHz to 16.7 MHz
Multiply-by-8
66.4 MHz to 133.6 MHz
Pin name
I/O
Pin no.
Description
XIN
I
1
Resonator connection pin/clock input pin
VSS
2
GND pin
SEL0
I
3
Modulation rate setting pin
SEL1
I
4
Modulation rate setting pin
CKOUT
O
5
Modulated clock output pin
ENS/XPD
I
6
Modulation enable setting pin (with pull-up resistance)/
Power down pin (with pull-up resistor)*
VDD
7
Power supply voltage pin
XOUT
O
8
Resonator connection pin
1
2
3
4
8
7
6
5
XIN
VSS
SEL0
SEL1
XOUT
VDD
ENS/XPD
CKOUT
MB88151A
TOP VIEW
FPT-8P-M02


Similar Part No. - MB88151A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
394Kb / 4P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
MB88151APNF-G-100-JNE1 CYPRESS-MB88151APNF-G-100-JNE1 Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
MB88151APNF-G-100-JNEFE1 CYPRESS-MB88151APNF-G-100-JNEFE1 Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
MB88151APNF-G-100-JNERE1 CYPRESS-MB88151APNF-G-100-JNERE1 Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
More results

Similar Description - MB88151A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com