Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8887EZK29 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8887EZK29
Description  Low-Dropout, 300mA Linear Regulators in SOT23
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8887EZK29 Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX8887EZK29 Datasheet HTML 1Page - Maxim Integrated Products MAX8887EZK29 Datasheet HTML 2Page - Maxim Integrated Products MAX8887EZK29 Datasheet HTML 3Page - Maxim Integrated Products MAX8887EZK29 Datasheet HTML 4Page - Maxim Integrated Products MAX8887EZK29 Datasheet HTML 5Page - Maxim Integrated Products MAX8887EZK29 Datasheet HTML 6Page - Maxim Integrated Products MAX8887EZK29 Datasheet HTML 7Page - Maxim Integrated Products MAX8887EZK29 Datasheet HTML 8Page - Maxim Integrated Products MAX8887EZK29 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
put capacitors with an ESR of 0.1
Ω or less to ensure sta-
bility and optimum transient response. Surface-mount
ceramic capacitors have very low ESR and are com-
monly available in values up to 10µF. Connect CIN and
COUT as close to the MAX8887/MAX8888 as possible to
minimize the impact of PC board trace inductance.
Noise, PSRR, and Transient Response
The MAX8887/MAX8888 are designed to operate with
low dropout voltages and low quiescent currents in bat-
tery-powered systems while still maintaining excellent
noise, transient response, and AC rejection. See the
Typical Operating Characteristics for a plot of power-
supply rejection ratio (PSRR) versus frequency. When
operating from noisy sources, improved supply-noise
rejection and transient response can be achieved by
increasing the values of the input and output bypass
capacitors and through passive filtering techniques.
Input-Output (Dropout) Voltage
A regulator’s minimum input-to-output voltage differen-
tial (dropout voltage) determines the lowest usable sup-
ply voltage at which the output is regulated. In
battery-powered systems, this determines the useful
end-of-life battery voltage. The MAX8887/MAX8888 use
a P-channel MOSFET pass transistor. Its dropout volt-
age is a function of drain-to-source on-resistance
(RDS(ON)) multiplied by the load current (see the
Typical Operating Characteristics).
VDROPOUT = VIN - VOUT = RDS(ON) IOUT
Chip Information
TRANSISTOR COUNT: 620
PROCESS: BiCMOS
Low-Dropout, 300mA Linear Regulators in SOT23
_______________________________________________________________________________________
7
SHUTDOWN
LOGIC
ERROR
AMP
1.25V
REF
95%
REF
P
OUT
POK
GND
IN
SHDN
MAX8888
THERMAL
SENSOR
MOS DRIVER
WITH ILIMIT
POK
Figure 1. Functional Diagram
0
100
200
300
400
0
1.0
2.0
3.0
0.5
1.5
2.5
3.5
4.0
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
(POWER DISSIPATION LIMIT)
(VIN - VOUT) (V)
MAXIMUM RECOMMENDED OUTPUT CURRENT
TA = +85
°C
TA = +70
°C
Figure 2. Power Operating Regions: Maximum Output Current
vs. Input Voltage


Similar Part No. - MAX8887EZK29

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8887EZK29+T MAXIM-MAX8887EZK29+T Datasheet
199Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 4; 7/09
MAX8887EZK29-T MAXIM-MAX8887EZK29-T Datasheet
221Kb / 8P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 2; 6/04
More results

Similar Description - MAX8887EZK29

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8887 MAXIM-MAX8887 Datasheet
221Kb / 8P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 2; 6/04
MAX8887 MAXIM-MAX8887_09 Datasheet
199Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 4; 7/09
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131 Datasheet
264Kb / 10P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com