Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8888EZK29 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8888EZK29
Description  Low-Dropout, 300mA Linear Regulators in SOT23
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8888EZK29 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8888EZK29 Datasheet HTML 1Page - Maxim Integrated Products MAX8888EZK29 Datasheet HTML 2Page - Maxim Integrated Products MAX8888EZK29 Datasheet HTML 3Page - Maxim Integrated Products MAX8888EZK29 Datasheet HTML 4Page - Maxim Integrated Products MAX8888EZK29 Datasheet HTML 5Page - Maxim Integrated Products MAX8888EZK29 Datasheet HTML 6Page - Maxim Integrated Products MAX8888EZK29 Datasheet HTML 7Page - Maxim Integrated Products MAX8888EZK29 Datasheet HTML 8Page - Maxim Integrated Products MAX8888EZK29 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Low-Dropout, 300mA Linear Regulators in SOT23
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VOUT + 1V, SHDN = IN, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, SHDN, POK, to GND...........................................-0.3V to +7V
OUT, BP to GND ............................................-0.3 to (VIN + 0.3V)
Output Short-Circuit Duration.....................................Continuous
Continuous Power Dissipation (TA = +70
°C)
5-Pin SOT23 (derate 9.1mW/
°C above +70°C)............727mW
Operating Temperature Ranges..........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+500
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
2.5
5.5
V
Input Undervoltage Lockout
VIN rising
(2% typical hysteresis)
2.15
2.4
V
TA = +25°C, IOUT = 100mA
-1.2
+1.2
IOUT = 100µA to 300mA,
TA = 0
°C to +85°C
-2
+2
Output Voltage Accuracy
IOUT = 100µA to 300mA
-3
+3
%
Continuous
300
Maximum Output Current
10ms pulse
500
mA
VOUT = 0
300
Current Limit
VOUT > 93% of nominal value
420
mA
No load
55
100
Ground-Pin Current
IOUT = 300mA
65
µA
IOUT = 1mA
0.5
IOUT = 200mA
100
200
Dropout Voltage (Note 2)
VOUT = +3.3V
IOUT = 300mA
150
mV
Line Regulation
VIN = 2.5V or (VOUT + 0.4V) to 5.5V,
IOUT = 5mA
-0.15
0
0.15
%/V
MAX8887
10Hz to 100kHz, CBP = 0.01µF,
COUT = 2.2µF, ESRCOUT < 0.1
Ω
42
Output Noise
MAX8888
10Hz to 100kHz, COUT = 2.2µF,
ESRCOUT < 0.1
Ω
360
µVRMS
MAX8887
f < 1kHz, CBP = 0.01µF,
COUT = 4.7µF, ESRCOUT < 0.1
Ω
60
PSRR
MAX8888
f < 1kHz, COUT = 2.2µF,
ESRCOUT < 0.1
Ω
40
dB


Similar Part No. - MAX8888EZK29

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8888EZK29+T MAXIM-MAX8888EZK29+T Datasheet
199Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 4; 7/09
MAX8888EZK29-T MAXIM-MAX8888EZK29-T Datasheet
221Kb / 8P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 2; 6/04
More results

Similar Description - MAX8888EZK29

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8887 MAXIM-MAX8887 Datasheet
221Kb / 8P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 2; 6/04
MAX8887 MAXIM-MAX8887_09 Datasheet
199Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 4; 7/09
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131 Datasheet
264Kb / 10P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com