Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3082 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MOC3082
Description  6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3082 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MOC3082 Datasheet HTML 1Page - Fairchild Semiconductor MOC3082 Datasheet HTML 2Page - Fairchild Semiconductor MOC3082 Datasheet HTML 3Page - Fairchild Semiconductor MOC3082 Datasheet HTML 4Page - Fairchild Semiconductor MOC3082 Datasheet HTML 5Page - Fairchild Semiconductor MOC3082 Datasheet HTML 6Page - Fairchild Semiconductor MOC3082 Datasheet HTML 7Page - Fairchild Semiconductor MOC3082 Datasheet HTML 8Page - Fairchild Semiconductor MOC3082 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC3081M, MOC3082M, MOC3083M Rev. 1.0.3
4
Safety and Insulation Ratings
As per IEC 60747-5-2, this optocoupler is suitable for “safe electrical insulation” only within the safety limit data.
Compliance with the safety ratings shall be ensured by means of protective circuits.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Installation Classifications per DIN VDE 0110/1.89
Table 1
For Rated Main Voltage < 150Vrms
I-IV
For Rated Main voltage < 300Vrms
I-IV
Climatic Classification
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
CTI
Comparative Tracking Index
175
VPR
Input to Output Test Voltage, Method b,
VIORM x 1.875 = VPR, 100% Production Test
with tm = 1 sec, Partial Discharge < 5pC
1594
Vpeak
Input to Output Test Voltage, Method a,
VIORM x 1.5 = VPR, Type and Sample Test
with tm = 60 sec, Partial Discharge < 5pC
1275
Vpeak
VIORM
Max. Working Insulation Voltage
850
Vpeak
VIOTM
Highest Allowable Over Voltage
6000
Vpeak
External Creepage
7
mm
External Clearance
7
mm
Insulation Thickness
0.5
mm
RIO
Insulation Resistance at Ts, VIO = 500V
109


Similar Part No. - MOC3082

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3082 MOTOROLA-MOC3082 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
List of Unclassifed Man...
MOC3082 ETC-MOC3082 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
logo
Guangdong Youtai Semico...
MOC3082 UMW-MOC3082 Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3082 UMW-MOC3082 Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3082 UMW-MOC3082 Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
More results

Similar Description - MOC3082

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3061 MOTOROLA-MOC3061 Datasheet
290Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
Fairchild Semiconductor
MOC3081M FAIRCHILD-MOC3081M Datasheet
543Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081M FAIRCHILD-MOC3081M_05 Datasheet
537Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3031M FAIRCHILD-MOC3031M Datasheet
520Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3082M FAIRCHILD-MOC3082M Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
logo
ON Semiconductor
MOC3061M ONSEMI-MOC3061M Datasheet
402Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
May, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com