Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF24J40-IMM Datasheet(PDF) 7 Page - Microchip Technology

Part # MRF24J40-IMM
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40-IMM Datasheet(HTML) 7 Page - Microchip Technology

Back Button MRF24J40-IMM Datasheet HTML 3Page - Microchip Technology MRF24J40-IMM Datasheet HTML 4Page - Microchip Technology MRF24J40-IMM Datasheet HTML 5Page - Microchip Technology MRF24J40-IMM Datasheet HTML 6Page - Microchip Technology MRF24J40-IMM Datasheet HTML 7Page - Microchip Technology MRF24J40-IMM Datasheet HTML 8Page - Microchip Technology MRF24J40-IMM Datasheet HTML 9Page - Microchip Technology MRF24J40-IMM Datasheet HTML 10Page - Microchip Technology MRF24J40-IMM Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
© 2006 Microchip Technology Inc.
Advance Information
DS39776A-page 5
MRF24J40
1.1
Pin Descriptions
TABLE 1-2:
MRF24J40 PIN DESCRIPTIONS
Pin
Symbol
Type
Description
1VDD
Power
RF power supply. Bypass with a capacitor as close to the pin as possible.
2
RFP
AIO
Differential RF input/output (+).
3
RFN
AIO
Differential RF input/output (-).
4VDD
Power
RF power supply. Bypass with a capacitor as close to the pin as possible.
5VDD
Power
Guard ring power supply. Bypass with a capacitor as close to the pin as possible.
6
GND
Ground
Guard ring ground.
7
GPIO0
DIO
General purpose digital I/O, also used as external PA enable.
8
GPIO1
DIO
General purpose digital I/O, also used as external TX/RX switch control.
9
GPIO5
DIO
General purpose digital I/O.
10
GPIO4
DIO
General purpose digital I/O.
11
GPIO2
DIO
General purpose digital I/O, also used as external TX/RX switch control.
12
GPIO3
DIO
General purpose digital I/O.
13
RESET
DI
Global hardware Reset pin active-low.
14
GND
Ground
Ground for digital circuit.
15
WAKE
DI
External wake-up trigger.
16
INT
DO
Interrupt pin to microcontroller.
17
SDO
DIO
Serial interface data output from MRF24J40.
18
SDI
DIO
Serial interface data input to MRF24J40.
19
SCK
DI
Serial interface clock.
20
CS
DI
Serial interface enable.
21
VDD
Power
Digital circuit power supply. Bypass with a capacitor as close to the pin as possible.
22
GND
Ground
Ground for digital circuit.
23
NC
No Connection, do not connect anything to this pin.
24
GND
Ground
Ground for digital circuit.
25
GND
Ground
Ground for digital circuit.
26
CLKOUT
DIO
20/10/5/2.5 MHz clock output.
27
LPOSC2
AI
32 kHz crystal input (-).
28
LPOSC1
AI
32 kHz crystal input (+).
29
RXIP
AO
Analog RX I channel output (+).
30
RXQP
AO
Analog RX Q channel output (+).
31
VDD
Power
Power supply for band gap reference circuit. Bypass with a capacitor as close to the
pin as possible.
32
VDD
Power
Power supply for analog circuit. Bypass with a capacitor as close to the pin as
possible.
33
OSC2
AI
20 MHz crystal input (-).
34
OSC1
AI
20 MHz crystal input (+).
35
VDD
Power
PLL power supply. Bypass with a capacitor as close to the pin as possible.
36
GND
Ground
Ground for PLL.
37
VDD
Power
Charge pump power supply. Bypass with a capacitor as close to the pin as possible.
38
NC
No Connection.
39
VDD
Power
VCO supply. Bypass with a capacitor as close to the pin as possible.
40
LCAP
PLL loop filter external capacitor. Connected to external 180 pF capacitor.
Legend: A = Analog, D = Digital, I = Input, O = Output


Similar Part No. - MRF24J40-IMM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24J40-I/ML MICROCHIP-MRF24J40-I/ML Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40-I/ML MICROCHIP-MRF24J40-I/ML Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40-I/ML MICROCHIP-MRF24J40-I/ML Datasheet
2Mb / 151P
   IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
MRF24J40-I/T MICROCHIP-MRF24J40-I/T Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
More results

Similar Description - MRF24J40-IMM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
   2.4-GHz IEEE 802.15.4 compliant RF transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_V01 Datasheet
2Mb / 151P
   IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
logo
Texas Instruments
CC2520 TI-CC2520_12 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Texas Instruments
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com