Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRX-005SL-915D2400SQRA-B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MRX-005SL-915D2400SQRA-B
Description  UHF AM RECEIVER MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MRX-005SL-915D2400SQRA-B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MRX-005SL-915D2400SQRA-B Datasheet HTML 1Page - List of Unclassifed Manufacturers MRX-005SL-915D2400SQRA-B Datasheet HTML 2Page - List of Unclassifed Manufacturers MRX-005SL-915D2400SQRA-B Datasheet HTML 3Page - List of Unclassifed Manufacturers MRX-005SL-915D2400SQRA-B Datasheet HTML 4Page - List of Unclassifed Manufacturers MRX-005SL-915D2400SQRA-B Datasheet HTML 5Page - List of Unclassifed Manufacturers MRX-005SL-915D2400SQRA-B Datasheet HTML 6Page - List of Unclassifed Manufacturers MRX-005SL-915D2400SQRA-B Datasheet HTML 7Page - List of Unclassifed Manufacturers MRX-005SL-915D2400SQRA-B Datasheet HTML 8Page - List of Unclassifed Manufacturers MRX-005SL-915D2400SQRA-B Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
-Page 5-
MRX-005S
UHF AM RECEIVER MODULE
PRELIMINAR
Y
Parameters
Test Conditions
Min
Typ
Max
Unit
Power Supply
Operating Current
31
mA
Quiescent Current
REG-EN </= 0.4V (shutdown)
0.01
µA
Operating Voltage
5
16
V
RF/IF Section
Receiver Sensitivity
Note 1, 3
-81
-84
dBm
IF Bandwidth
Note 3
1.20
MHz
Receive Data Rate
0.1
115
kbps
RF Input Range
800
1000
MHz
Maximum Receiver Input
Rs = 50Ω
-10
dBm
Spurious Reverse Isolation
ANT pin, Rs = 50Ω Note 2
30
µVrms
AGC Attack / Decay ratio
T(Attack) / T(Decay)
0.1
Oscillator Turn-on Time
TBD
s
Digital Section
Output Current
DO pin, Push-Pull
90
µA
Output High Voltage
DO pin, Iout = 1µA0.9VCC
V
Output Low Voltage
DO pin, Iout = 1µA0.1VCC
V
Output Tr, Tf
DO pin, Cload=15pF
TBD
µsec
Regulator Enable Input
Input Low Voltage
Regulator OFF
0.6
V
Input High Voltage
Regulator ON
2.0
V
Enable Input Current
VEN = 0.6V; Regulator OFF
0.01
µA
Electrical Characteristics
This device is ESD sensitive. Do not operate or store near strong electrostatic fields. Use appropriate ESD
precautions. All voltages are with respect to Ground.
Sym
Parameters
Min
Typ
Max
Unit Notes
Absolute Maximum Ratings
VCC
Supply Voltage
5
16
V
Storage Temperature Range
0
70
°C
VEN
Enable Input Voltage
016
V
Operating Ratings
VEN
Enable Input Voltage
0VCC
V
TA
Ambient operating temperature
070
°C
Electrical Limits


Similar Part No. - MRX-005SL-915D2400SQRA-B

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MRX05-1A71 MEDER-MRX05-1A71 Datasheet
1Mb / 4P
   Ex-approved-Reed Relays
MRX05-1A71_DE MEDER-MRX05-1A71_DE Datasheet
99Kb / 2P
   (deutsch) MRX Reed Relay
MRX05-1A79 MEDER-MRX05-1A79 Datasheet
85Kb / 2P
   MRX Reed Relay
MRX05-1A79_DE MEDER-MRX05-1A79_DE Datasheet
102Kb / 2P
   (deutsch) MRX Reed Relay
MRX05-1C21 MEDER-MRX05-1C21 Datasheet
85Kb / 2P
   MRX Reed Relay
More results

Similar Description - MRX-005SL-915D2400SQRA-B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4240B TEMIC-U4240B Datasheet
110Kb / 8P
   AM - RECEIVER
logo
NXP Semiconductors
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
logo
Radiometrix Ltd
RXM-UHF RADIOMETRIX-RXM-UHF Datasheet
178Kb / 9P
   UHF Radio Telemetry Receiver Module
SILRX-418-5 RADIOMETRIX-SILRX-418-5 Datasheet
527Kb / 11P
   UHF Radio Telemetry Receiver Module
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
   AM Receiver IC
logo
Siemens Semiconductor G...
TCA440 SIEMENS-TCA440 Datasheet
350Kb / 17P
   AM Receiver Circuit
logo
NXP Semiconductors
TDA1072AT PHILIPS-TDA1072AT Datasheet
256Kb / 21P
   AM receiver circuit
March 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com