Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8A-03-10K-JG Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # SS8A-03-10K-JG
Description  Surface Mount SOIC Resistor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

SS8A-03-10K-JG Datasheet(HTML) 3 Page - Welwyn Components Limited

  SS8A-03-10K-JG Datasheet HTML 1Page - Welwyn Components Limited SS8A-03-10K-JG Datasheet HTML 2Page - Welwyn Components Limited SS8A-03-10K-JG Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Welwyn Components
SOIC Series Issue June 2006
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
Surface Mount SOIC
Resistor Networks
Power Derating Data
25°
70°
125°
100
50
10
Temperature in °C
Physical and Schematic Data (mm)
1
2
3
N
1.27 Typ
L
0.41 ± 0.08
0.18 ± 0.08
E
B
H
N
N
Schematic A
Isolated
Schematic B
Bussed
Note: N = number of pins (8, 14, 16)
R1
1
2
3
R1
1
2
3
N
-
C
I
O
S
W
-
C
I
O
S
n
i
P
-
8
n
i
P
-
4
1
n
i
P
-
6
1
n
i
P
-
6
1
n
i
P
-
0
2
±
1.5 0.2
±
3.9 0.1
±
6.0 0.2
E
L
B
H
±
2.5 0.15
±
7.5 0.1
±
10.3 0.3
±
8.66 0.1
±
4.9 0.1
±
9.91 0.1
±
10.21 0.1
±
12.75 0.1
For additional information or to discuss your specific requirements, please contact our
Applications Team using the contact details below.
SS8
A
-
01 - 10K - F
B
Style
SS4 = 8-pin SOIC-N
SS7 = 14-pin SOIC-N
SS8 = 16-pin SOIC-N
SL8 = 16-pin SOIC-W
SL0 = 20-pin SOIC-W
Schematic
A = Isolated network
B = Bussed network
Absolute TCR Code
00 = ±250ppm/°C; 01 = ±100ppm/°C
02 = ±50ppm/°C; 03 = ±25ppm/°C
Resistance Code
4-Digit Resistance Code
Ex: 1002 = 10KW, 50R1 = 50.1W
Absolute Tolerance Code
J = ±5%; G = ±2%; F = ±1%; D = ±0.5%
C = ±0.25%; B = ±0.1%
Optional Ratio Tolerance Code
G = ±2%; F = ±1%; D = ±0.5%;
C = ±0.25%; B = ±0.1%; A = ±0.05%
Packaging
Specify tubes or tape & reel.
Finish
Blank = Pb - free
PB = SnPb
Ordering Data
N
N
Schematic A
Isolated
Schematic B
Bussed
Note: N = number of pins (8, 14, 16)
R1
1
2
3
R1
1
2
3
Note: All dimesions exclude mold flash and
end flash which shall not exceed 0.15 per side.
N
N
Schematic A
Isolated
Schematic B
Bussed
Note: N = number of pins (8, 14, 16)
R1
1
2
3
R1
1
2
3


Similar Part No. - SS8A-03-10K-JG

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
SS8-10 RICHCO-SS8-10 Datasheet
52Kb / 1P
   ROUND SPACERS SEIRIES
SS8-10L RICHCO-SS8-10L Datasheet
52Kb / 1P
   ROUND SPACERS SEIRIES
SS8-12 RICHCO-SS8-12 Datasheet
52Kb / 1P
   ROUND SPACERS SEIRIES
SS8-12L RICHCO-SS8-12L Datasheet
52Kb / 1P
   ROUND SPACERS SEIRIES
SS8-14 RICHCO-SS8-14 Datasheet
52Kb / 1P
   ROUND SPACERS SEIRIES
More results

Similar Description - SS8A-03-10K-JG

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GUS-SS4A-00-1002-J IRCTT-GUS-SS4A-00-1002-J Datasheet
300Kb / 4P
   Surface Mount SOIC Resistor Networks
GUS-TS8A-00-1002-J IRCTT-GUS-TS8A-00-1002-J Datasheet
336Kb / 4P
   Surface Mount TSSOP Resistor Networks
logo
TT Electronics.
GUS-QS8BLF012001-G TTELEC-GUS-QS8BLF012001-G Datasheet
336Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
IRC - a TT electronics ...
SOT-SOT143-00-A002-G IRCTT-SOT-SOT143-00-A002-G Datasheet
344Kb / 3P
   SOT143 Surface Mount Resistor Networks
GUS-QS8A-00-1002-J IRCTT-GUS-QS8A-00-1002-J Datasheet
387Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
Bi technologies
627T BITECH-627T Datasheet
153Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
627T BITECH-627T Datasheet
61Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
logo
Welwyn Components Limit...
627T WELWYN-627T Datasheet
182Kb / 4P
   CITT V.35 Termination Surface Mount Resistor Networks
logo
IRC - a TT electronics ...
8900SPACE IRCTT-8900SPACE Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
logo
Bi technologies
627V100 BITECH-627V100 Datasheet
53Kb / 4P
   Designed For Pentium Power Supply Surface Mount Resistor Networks
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com