Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTVS512 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDTVS512
Description  WIDE BANDWIDTH VIDEO SIGNAL SWITCH, 5 PORT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTVS512 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDTVS512 Datasheet HTML 1Page - Integrated Device Technology IDTVS512 Datasheet HTML 2Page - Integrated Device Technology IDTVS512 Datasheet HTML 3Page - Integrated Device Technology IDTVS512 Datasheet HTML 4Page - Integrated Device Technology IDTVS512 Datasheet HTML 5Page - Integrated Device Technology IDTVS512 Datasheet HTML 6Page - Integrated Device Technology IDTVS512 Datasheet HTML 7Page - Integrated Device Technology IDTVS512 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IDTVS512
WIDE BANDWIDTH VIDEO SIGNAL SWITCH, 5 PORT
COMMERCIAL TEMPERATURE RANGE
WIDE BANDWIDTH VIDEO SIGNAL SWITCH, 5 PORT
3
IDTVS512
7013/7
CONFIDENTIAL
Pin Description
Truth Table
Dynamic Electrical Characteristics Over Operating Range
Following Conditions Apply Unless Otherwise Specified:
TA = 0°C to +70°C, VCC = 3.3V ± 10%, GND = 0V..
DC Electrical Characteristics Over Operating Range
Following Conditions Apply Unless Otherwise Specified:
TA = 0°C to +70°C, VCC = 3.3V ± 10%.
Name
Pin #
Function
VDD
1, 4, 9, 19
Positive power supply
GND
3, 7, 10, 20
Ground
Xn
2, 5, 6, 8, 11, 13, 14, 15,
16, 17, 18, 21, 22, 23, 24
Data and CLK
CTL
12
Control
Function
SEL
Yn to Y0
L
Yn to X1
H
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
XTALK
1
Crosstalk
t = 10MHz
–65
dB
OIRR
2
Off Isolation
t = 10MHz
–70
BW
Bandwidth - 3dB
CL = 0pF
600
MHz
1. See CROSSTALK SETUP for Measurement Setup.
2. See OFF-ISOLATION SETUP for Measurement Setup.
Symbol
Parameter
Conditions1
Min.
Typ.2
Max. Unit
VIH
3
Input HIGH Voltage
Guaranteed Logic HIGH level
2
V
VIL
Input LOW Voltage
Guaranteed Logic LOW level
–0.5
0.8
VIK
Clamp Diode Voltage
VCC = Max., IIN = –18mA
–0.7
–1.2
IIH
Input HIGH Current
VCC = Max., VIN = VCC
——
±5
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±5
IOFF
Power Down Leakage Current
VCC = 0V, VA = 0V, VB ≤ 3.6
RON
4
Switch On-Resistance
VCC = Min., 1.5 ≤ VIN ≤ VCC, IIN = –40mA
4
8
RFLAT(ON) On-Resistance Flatness
VCC = Min., VIN @ 1.5V and VCC, IIN = –40mA
1
∆R
ON
On-Resistance match from
center ports to any other port
VCC = Min., 1.5 ≤ VIN ≤ VCC, IIN = –40mA
—0.9
2
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V,TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between Y and I pins at indicated current through the switch. On-Resistance is determined by the
lower of the voltages on the two (Y &I) pins.
4. This parameter is determined by device characterization but is not production tested.


Similar Part No. - IDTVS512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTVS330 IDT-IDTVS330 Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
IDTVS330DCG IDT-IDTVS330DCG Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
IDTVS330DCG8 IDT-IDTVS330DCG8 Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
IDTVS330QG IDT-IDTVS330QG Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
IDTVS330QG8 IDT-IDTVS330QG8 Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
More results

Similar Description - IDTVS512

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV332 FAIRCHILD-FSAV332 Datasheet
119Kb / 7P
   Wide Bandwidth Video Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Fairchild Semiconductor
FSAV331MTC FAIRCHILD-FSAV331MTC Datasheet
138Kb / 6P
   Dual 4:1 Wide Bandwidth Video Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A_15 Datasheet
342Kb / 15P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
STMAV335 STMICROELECTRONICS-STMAV335 Datasheet
1Mb / 21P
   Low ON Resistance Triple, SP3T, Wide-Bandwidth Video Switch
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
Burr-Brown (TI)
MPY600 BURR-BROWN-MPY600 Datasheet
158Kb / 12P
   Wide Bandwidth SIGNAL MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com