Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTVS512QGT Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDTVS512QGT
Description  WIDE BANDWIDTH VIDEO SIGNAL SWITCH, 5 PORT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTVS512QGT Datasheet(HTML) 5 Page - Integrated Device Technology

  IDTVS512QGT Datasheet HTML 1Page - Integrated Device Technology IDTVS512QGT Datasheet HTML 2Page - Integrated Device Technology IDTVS512QGT Datasheet HTML 3Page - Integrated Device Technology IDTVS512QGT Datasheet HTML 4Page - Integrated Device Technology IDTVS512QGT Datasheet HTML 5Page - Integrated Device Technology IDTVS512QGT Datasheet HTML 6Page - Integrated Device Technology IDTVS512QGT Datasheet HTML 7Page - Integrated Device Technology IDTVS512QGT Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IDTVS512
WIDE BANDWIDTH VIDEO SIGNAL SWITCH, 5 PORT
COMMERCIAL TEMPERATURE RANGE
WIDE BANDWIDTH VIDEO SIGNAL SWITCH, 5 PORT
5
IDTVS512
7013/7
CONFIDENTIAL
Applications Information
Logic Inputs
The logic control inputs can be driven up to +3.6V regardless of the supply voltage. For example, given a +3.3V supply, the
output enables or select pins may be driven low to 0V and high to 3.6V. Driving IN Rail-to-RailÆ minimizes power
consumption.
Power-supply Sequencing
Proper power-supply sequencing is advised for all CMOS devices. It is recommended to always apply VCC before applying
signals to the input/output or control pins.
Output Skew - tSK(O)
Pulse Skew - tSK(P)
tPLH
Output
Input
2.5V
2.5V
tPHL
3.5V
1.5V
VOH
VOL
tSK(P) =
| tPHL - tPHL |
tPLHx
tPHLx
Data Out at MBy
Data In at Ax or Ay
Data Out at MBx
tSK(0)
3.5V
1.5V
VOH
2.5V
VOH
2.5V
tPLHy
tPHLy
VOL
tSK(0) =
| tPLHy - tPLHx | or | tPHLy - tPHLx |
2.5V
VOL
Bandwidth vs. Capacitance
700
600
500
400
300
200
100
0
010
20
30
40
50
Capacitance Load


Similar Part No. - IDTVS512QGT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTVS330 IDT-IDTVS330 Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
IDTVS330DCG IDT-IDTVS330DCG Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
IDTVS330DCG8 IDT-IDTVS330DCG8 Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
IDTVS330QG IDT-IDTVS330QG Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
IDTVS330QG8 IDT-IDTVS330QG8 Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
More results

Similar Description - IDTVS512QGT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV332 FAIRCHILD-FSAV332 Datasheet
119Kb / 7P
   Wide Bandwidth Video Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Fairchild Semiconductor
FSAV331MTC FAIRCHILD-FSAV331MTC Datasheet
138Kb / 6P
   Dual 4:1 Wide Bandwidth Video Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A_15 Datasheet
342Kb / 15P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
STMAV335 STMICROELECTRONICS-STMAV335 Datasheet
1Mb / 21P
   Low ON Resistance Triple, SP3T, Wide-Bandwidth Video Switch
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
Burr-Brown (TI)
MPY600 BURR-BROWN-MPY600 Datasheet
158Kb / 12P
   Wide Bandwidth SIGNAL MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com