Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB88151APNF-G-800-JNERE1 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB88151APNF-G-800-JNERE1
Description  Spread Spectrum Clock Generator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88151APNF-G-800-JNERE1 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB88151APNF-G-800-JNERE1 Datasheet HTML 1Page - Fujitsu Component Limited. MB88151APNF-G-800-JNERE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB88151APNF-G-800-JNERE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB88151APNF-G-800-JNERE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB88151APNF-G-800-JNERE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB88151APNF-G-800-JNERE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB88151APNF-G-800-JNERE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB88151APNF-G-800-JNERE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB88151APNF-G-800-JNERE1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DS04-29127-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2007 FUJITSU LIMITED All rights reserved
ASSP
Spread Spectrum Clock Generator
MB88151A
■ DESCRIPTION
MB88151A is a clock generator for EMI (Electro Magnetic Interference) reduction. The peak of unnecessary
radiation noise (EMI) can be attenuated by making the oscillation frequency slightly modulate periodically with
the internal modulator. It corresponds to both of the center spread which modulates frequency in modulation off
as Middle Centered and down spread which modulates so as not to exceed frequency in modulation off.
■ FEATURES
• Modulation rate :
± 0.5%, ± 1.5% (Center spread), − 1.0%, − 3.0% (Down spread)
• Equipped with oscillation circuit : Range of oscillation 8.3 MHz to 33.4 MHz
• Modulation clock output Duty : 40
% to 60%
• Low current consumption by CMOS process : 5 mA (24 MHz : Typ-sample, no load)
• Power supply voltage : 3.3 V
± 0.3 V
• Operating temperature :
− 40 °C to + 85 °C
• Package : SOP 8-pin
MB88151A-
100/101
(multiply-by-1)
MB88151A-
200/201
(multiply-by-2)
MB88151A-
400/401
(multiply-by-4)
MB88151A-
500/501
(multiply-by-1/2)
MB88151A-
800/801
(multiply-by-8)
Input
frequency/
Output
frequency
16.6 MHz to 33.4 MHz/
16.6 MHz to 33.4 MHz
16.6 MHz to 33.4 MHz/
33.2 MHz to 66.8 MHz
16.6 MHz to 33.4 MHz/
66.4 MHz to 133.6 MHz
16.6 MHz to 33.4 MHz/
8.3 MHz to 16.7 MHz
8.3 MHz to 16.7 MHz
66.4 MHz to 133.6 MHz
Modulation
clock
cycle-cycle
jitter
Less than100 ps
Less than 100 ps
Less than 150 ps
Less than 200 ps
Less than 150 ps


Similar Part No. - MB88151APNF-G-800-JNERE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB88151APNF-G-100-JNE1 CYPRESS-MB88151APNF-G-100-JNE1 Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
MB88151APNF-G-100-JNEFE1 CYPRESS-MB88151APNF-G-100-JNEFE1 Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
MB88151APNF-G-100-JNERE1 CYPRESS-MB88151APNF-G-100-JNERE1 Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
MB88151APNF-G-200-JNE1 CYPRESS-MB88151APNF-G-200-JNE1 Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
MB88151APNF-G-200-JNEFE1 CYPRESS-MB88151APNF-G-200-JNEFE1 Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
More results

Similar Description - MB88151APNF-G-800-JNERE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com