Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7164LL Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7164LL
Description  CMOS Static RAM 64K (8K x 8-Bit)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7164LL Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7164LL Datasheet HTML 1Page - Integrated Device Technology IDT7164LL Datasheet HTML 2Page - Integrated Device Technology IDT7164LL Datasheet HTML 3Page - Integrated Device Technology IDT7164LL Datasheet HTML 4Page - Integrated Device Technology IDT7164LL Datasheet HTML 5Page - Integrated Device Technology IDT7164LL Datasheet HTML 6Page - Integrated Device Technology IDT7164LL Datasheet HTML 7Page - Integrated Device Technology IDT7164LL Datasheet HTML 8Page - Integrated Device Technology IDT7164LL Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
6.42
IDT7164S/L
CMOS Static RAM 64K (8K x 8-Bit)
Military, Commercial, and Industrial Temperature Ranges
5
AC Electrical Characteristics (VCC = 5.0V ± 10%, All Temperature Ranges)
NOTES:
1. 0° to +70°C temperature range only.
2. 0° to +70°C and –55°C to +125°C temperature ranges only.
3. Both chip selects must be active for the device to be selected.
4. This parameter is guaranteed by device characterization, but is not production tested.
Symbol
Parameter
7164S15(1)
7164L15(1)
7164S20(2)
7164L20(2)
7164S25
7164L25
7164S35
7164L35
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
15
____
20
____
25
____
35
____
ns
tAA
Address Access Time
____
15
____
19
____
25
____
35
ns
tACS1(3)
Chip Select-1 Access Time
____
15
____
20
____
25
____
35
ns
tACS2(3)
Chip Select-2 Access Time
____
20
____
25
____
30
____
40
ns
tCLZ1,2(4)
Chip Select-1, 2 to Output in Low-Z
5
____
5
____
5
____
5
____
ns
tOE
Output Enable to Output Valid
____
7
____
8
____
12
____
18
ns
tOLZ(4)
Output Enab le to Output in Low-Z
0
____
0
____
0
____
0
____
ns
tCHZ1,2(4)
Chip Select-1,2 to Output in High-Z
____
8
____
9
____
13
____
15
ns
tOHZ(4)
Output Disab le to Output in High-Z
____
7
____
8
____
10
____
15
ns
tOH
Output Hold from Address Change
5
____
5
____
5
____
5
____
ns
tPU(4)
Chip Sele ct to Power Up Time
0
____
0
____
0
____
0
____
ns
tPD(4)
Chip Deselect to Power Down Time
____
15
____
20
____
25
____
35
ns
Write Cycle
tWC
Write Cycle Time
15
____
20
____
25
____
35
____
ns
tCW1,2
Chip Select to End-of-Write
14
____
15
____
18
____
25
____
ns
tAW
Address Valid to End-of-Write
14
____
15
____
18
____
25
____
ns
tAS
Address Set-up Time
0
____
0
____
0
____
0
____
ns
tWP
Write Pulse Width
14
____
15
____
21
____
25
____
ns
tWR1
Write Recovery Time (
CS1, WE)0
____
0
____
0
____
0
____
ns
tWR2
Write Recovery Time (CS2)5
____
5
____
5
____
5
____
ns
tWHZ(4)
Write Enab le to Output in High-Z
____
6
____
8
____
10
____
14
ns
tDW
Data to Write Time Overlap
8
____
10
____
13
____
15
____
ns
tDH1
Data Hold from Write Time (
CS1, WE)0
____
0
____
0
____
0
____
ns
tDH2
Data Hold from Write Time (CS2)5
____
5
____
5
____
5
____
ns
tOW(4)
Output Active from End-of-Write
4
____
4
____
4
____
4
____
ns
2967 tbl 12


Similar Part No. - IDT7164LL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7164L IDT-IDT7164L Datasheet
104Kb / 9P
   CMOS STATIC RAM 64K (8K x 8-BIT)
IDT7164L15D IDT-IDT7164L15D Datasheet
104Kb / 9P
   CMOS STATIC RAM 64K (8K x 8-BIT)
IDT7164L15DB IDT-IDT7164L15DB Datasheet
104Kb / 9P
   CMOS STATIC RAM 64K (8K x 8-BIT)
IDT7164L15P IDT-IDT7164L15P Datasheet
104Kb / 9P
   CMOS STATIC RAM 64K (8K x 8-BIT)
IDT7164L15PB IDT-IDT7164L15PB Datasheet
104Kb / 9P
   CMOS STATIC RAM 64K (8K x 8-BIT)
More results

Similar Description - IDT7164LL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
104Kb / 9P
   CMOS STATIC RAM 64K (8K x 8-BIT)
5962-3829407MXA IDT-5962-3829407MXA Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_11 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829409MZA IDT-5962-3829409MZA Datasheet
285Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
8302AMI-01 IDT-8302AMI-01 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com