Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK1581-01GI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # MK1581-01GI
Description  LOW PHASE NOISE T1/E1 CLOCK GENERATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MK1581-01GI Datasheet(HTML) 5 Page - Integrated Device Technology

  MK1581-01GI Datasheet HTML 1Page - Integrated Device Technology MK1581-01GI Datasheet HTML 2Page - Integrated Device Technology MK1581-01GI Datasheet HTML 3Page - Integrated Device Technology MK1581-01GI Datasheet HTML 4Page - Integrated Device Technology MK1581-01GI Datasheet HTML 5Page - Integrated Device Technology MK1581-01GI Datasheet HTML 6Page - Integrated Device Technology MK1581-01GI Datasheet HTML 7Page - Integrated Device Technology MK1581-01GI Datasheet HTML 8Page - Integrated Device Technology MK1581-01GI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MK1581-01
LOW PHASE NOISE T1/E1 CLOCK GENERATOR
VCXO AND SYNTHESIZER
IDT™ / ICS™ LOW PHASE NOISE T1/E1 CLOCK GENERATOR
5
MK1581-01
REV D 073007
A “normalized” PLL loop bandwidth may be calculated as
follows:
The “normalized” bandwidth (NBW) equation above does
not take into account the effects of damping factor or the
second pole. NBW is approximately equal to the actual -3dB
bandwidth of the loop when the damping factor is about 5
and C2 is very small. In most applications, NBW is about
75% of the actual -3dB bandwidth. However, NBW does
provide a useful approximation of filter performance.
The loop damping factor is calculated as follows:
Where:
RS = Value of resistor in loop filter (Ohms)
ICP = Charge pump current (amps)
(refer to Charge Pump Current Table, below)
N = Crystal multiplier shown in the above table
CS = Value of capacitor CS in loop filter (Farads)
As a general rule, the following relationship should be
maintained between components CS and CP in the loop
filter:
Charge Pump Current Table
Special considerations must be made in choosing loop
components CS and CP.
These recommendations can be found in the design aid
tools section of www.icst.com.
Series Termination Resistor
Clock output traces over one inch should use series
termination. To series terminate a 50
Ω trace (a commonly
used trace impedance), place a 33
Ω resistor in series with
the clock line, as close to the clock output pin as possible.
The nominal impedance of the clock output is 20
Ω. (The
optional series termination resistor is not shown in the
External Component Schematic.)
Decoupling Capacitors
As with any high performance mixed-signal IC, the
MK1581-01 must be isolated from system power supply
noise to perform optimally.
Decoupling capacitors of 0.01µF must be connected
between each VDD and the PCB ground plane. To further
guard against interfering system supply noise, the
MK1581-01 should use one common connection to the PCB
power plane as shown in the diagram on the next page. The
ferrite bead and bulk capacitor help reduce lower frequency
noise in the supply that can lead to output clock phase
modulation.
NBW
RS ICP
×
575
×
N
-----------------------------------------
=
Damping Factor
RS
625
I
CP
×
CS
×
N
-------------------------------------------
×
=
CP
CS
20
------
=
RSET
Charge Pump Current
(ICP)
1.4 M
10
µA
680 k
20
µA
540 k
25
µA
120 k
100
µA


Similar Part No. - MK1581-01GI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK1581-01GILF RENESAS-MK1581-01GILF Datasheet
410Kb / 12P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
051310
MK1581-01GILFTR RENESAS-MK1581-01GILFTR Datasheet
410Kb / 12P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
051310
More results

Similar Description - MK1581-01GI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK1581-01 RENESAS-MK1581-01 Datasheet
410Kb / 12P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
051310
logo
Cypress Semiconductor
CY26200 CYPRESS-CY26200_05 Datasheet
94Kb / 5P
   T1/E1 Clock Generator
CY26200 CYPRESS-CY26200 Datasheet
94Kb / 5P
   T1/E1 Clock Generator
logo
Renesas Technology Corp
ICS548-05 RENESAS-ICS548-05 Datasheet
250Kb / 8P
   T1/E1 CLOCK MULTIPLIER
091511
logo
Integrated Device Techn...
IDT82V3010 IDT-IDT82V3010 Datasheet
391Kb / 31P
   T1/E1/OC3 TELECOM CLOCK GENERATOR WITH DUAL REFERENCE INPUTS
logo
Renesas Technology Corp
IDT82V3010 RENESAS-IDT82V3010 Datasheet
171Kb / 31P
   T1/E1/OC3 TELECOM CLOCK GENERATOR WITH DUAL REFERENCE INPUTS
November 14, 2012
logo
Silicon Laboratories
SI5380 SILABS-SI5380_16 Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380 SILABS-SI5380 Datasheet
1Mb / 50P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380-D SILABS-SI5380-D Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
logo
ON Semiconductor
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com