Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSM Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # WSM
Description  Moulded Surface Mount Wirewound Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WSM Datasheet(HTML) 1 Page - Welwyn Components Limited

  WSM Datasheet HTML 1Page - Welwyn Components Limited WSM Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WSM1
WSM2
WSM3
Power rating at 70°C
watts
1
2
3
Resistance range
ohms
0R01 to 1K
0R01 to 2K
0R01 to 3K
Limiting element voltage
volts
100
TCR
ppm/°C
< 1
Ω : 100
< 1
Ω : 100
≤.03 Ω 700 ≤0.1 Ω : 200
≥ 1 Ω : 20
≥ 1 Ω : 20
≤10R 100 >10R 20
Resistance tolerance
%
*1, 2, 5, 10
Standard values
E24 preferred
Ambient temperature range
°C
-55 to 155
Moulded Surface Mount
Wirewound Resistors
WSM Series
Ideal for automatic pick and place
Direct replacement for Axial resistors
All welded construction
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue C · 04.03
A subsidiary of
TT electronics plc
Welwyn Components
45
Dimensions (mm)
Type
L max
I Nom
W Max
w Max
H Max
WSM1
7.9
2.54
7
4.2
3.94
WSM2
12
3.1
10.5
6.6
5.5
WSM3
18
3.1
16
7
6.5
Type
A
B
C
D
WSM1
2.9
2.6
2.8
8.1
WSM2
3.4
4.0
6
14
WSM3
3.4
4.5
11
20
Physical Data
Recommended Pad Sizes
L
W
w
I
H
B
C
D
A
Marking
WSM resistors are legend marked with type value and
tolerance.
WSM1 Resistors are marked with value and tolerance.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Construction
A high purity ceramic substrate is assembled with interference
fit end caps to which are welded the terminations. The
resistive element is wound on the substrate and welded to
the caps. The unit is then moulded.
Flammability
The resistor coating is a flame retardant epoxy to UL 94.
*Note 5% or 10% preferred below 0.1 ohms
WSM_C.qxd
29/4/03
10:38 am
Page 1


Similar Part No. - WSM

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
WSM AITSEMI-WSM Datasheet
272Kb / 3P
   WIRE WOUND SMD INDUCTOR
logo
Murata Manufacturing Co...
WSM-BL241-ADA-008 MURATA-WSM-BL241-ADA-008 Datasheet
441Kb / 1P
   Built-in ARM Cortex M4 core with 64KB RAM and 512KB flash
WSM-BL241-ADA-008DK MURATA-WSM-BL241-ADA-008DK Datasheet
441Kb / 1P
   Built-in ARM Cortex M4 core with 64KB RAM and 512KB flash
WSM-BL241-ADA-008S MURATA-WSM-BL241-ADA-008S Datasheet
441Kb / 1P
   Built-in ARM Cortex M4 core with 64KB RAM and 512KB flash
logo
AiT Semiconductor Inc.
WSM1050-1R2M AITSEMI-WSM1050-1R2M Datasheet
272Kb / 3P
   WIRE WOUND SMD INDUCTOR
More results

Similar Description - WSM

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
SSL RIEDON-SSL_14 Datasheet
215Kb / 2P
   Surface Mount Wirewound Resistors
S4-10RF1 RIEDON-S4-10RF1 Datasheet
198Kb / 2P
   Surface Mount Wirewound Resistors
S3-0R005J8 RIEDON-S3-0R005J8 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S3-100RF1 RIEDON-S3-100RF1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S5-100RJ2 RIEDON-S5-100RJ2 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S1-0R039J8 RIEDON-S1-0R039J8 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S2-0R2F2 RIEDON-S2-0R2F2 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S5-470RF1 RIEDON-S5-470RF1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S2-680RF1 RIEDON-S2-680RF1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S4-0R015F1 RIEDON-S4-0R015F1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com