Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B9920 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7B9920
Description  Low Skew Clock Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9920 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7B9920 Datasheet HTML 2Page - Cypress Semiconductor CY7B9920 Datasheet HTML 3Page - Cypress Semiconductor CY7B9920 Datasheet HTML 4Page - Cypress Semiconductor CY7B9920 Datasheet HTML 5Page - Cypress Semiconductor CY7B9920 Datasheet HTML 6Page - Cypress Semiconductor CY7B9920 Datasheet HTML 7Page - Cypress Semiconductor CY7B9920 Datasheet HTML 8Page - Cypress Semiconductor CY7B9920 Datasheet HTML 9Page - Cypress Semiconductor CY7B9920 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CY7B9910
CY7B9920
Document Number: 38-07135 Rev. *B
Page 6 of 11
CY7B9910–5
CY7B9920–5
Parameter
Description
Min
Typ
Max
Min
Typ
Max
Unit
fNOM
Operating Clock
Frequency in MHz
FS = LOW[1, 2]
15
30
15
30
MHz
FS = MID[1, 2]
25
50
25
50
FS = HIGH[1, 2, 3]
40
80
40
80[12]
tRPWH
REF Pulse Width HIGH
5.0
5.0
ns
tRPWL
REF Pulse Width LOW
5.0
5.0
ns
tSKEW
Zero Output Skew (All Outputs)[13, 14]
0.25
0.5
0.25
0.5
ns
tDEV
Device-to-Device Skew[8, 15]
1.0
1.0
ns
tPD
Propagation Delay, REF Rise to FB Rise
–0.5
0.0
+0.5
–0.5
0.0
+0.5
ns
tODCV
Output Duty Cycle Variation[16]
–1.0
0.0
+1.0
–1.0
0.0
+1.0
ns
tORISE
Output Rise Time[17, 18
0.15
1.0
1.5
0.5
2.0
3.0
ns
tOFALL
Output Fall Time[17, 18]
0.15
1.0
1.5
0.5
2.0
3.0
ns
tLOCK
PLL Lock Time[19]
0.5
0.5
ms
tJR
Cycle-to-Cycle Output Jitter Peak to Peak[8]
200
200
ps
RMS[8]
25
25
ps
Notes
8. Guaranteed by statistical correlation. Tested initially and after any design or process changes that may affect these parameters.
9. CMOS output buffer current and power dissipation specified at 50 MHz reference frequency.
10. Applies to REF and FB inputs only.
11. Test measurement levels for the CY7B9910 are TTL levels (1.5V to 1.5V). Test measurement levels for the CY7B9920 are CMOS levels (VCC/2 to VCC/2). Test
conditions assume signal transition times of 2ns or less and output loading as shown in the AC Test Loads and Waveforms unless otherwise specified.
12. Except as noted, all CY7B9920–2 and –5 timing parameters are specified to 80 MHz with a 30 pF load.
13. tSKEW is defined as the time between the earliest and the latest output transition among all outputs when all are loaded with 50 pF and terminated with 50
Ω to
2.06V (CY7B9910) or VCC/2 (CY7B9920).
14. tSKEW is defined as the skew between outputs.
15. tDEV is the output-to-output skew between any two outputs on separate devices operating under the same conditions (VCC, ambient temperature, air flow, and
so on).
16. tODCV is the deviation of the output from a 50% duty cycle.
17. Specified with outputs loaded with 30 pF for the CY7B99X0–2 and –5 devices and 50 pF for the CY7B99X0–7 devices. Devices are terminated through 50
Ω to
2.06V (CY7B9910) or VCC/2 (CY7B9920).
18. tORISE and tOFALL measured between 0.8V and 2.0V for the CY7B9910 or 0.8VCC and 0.2VCC for the CY7B9920.
19. tLOCK is the time that is required before synchronization is achieved. This specification is valid only after VCC is stable and within normal operating limits. This
parameter is measured from the application of a new signal or frequency at REF or FB until tPD is within specified limits.
[+] Feedback


Similar Part No. - CY7B9920

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9920 CYPRESS-CY7B9920 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
CY7B9920-2SC CYPRESS-CY7B9920-2SC Datasheet
162Kb / 7P
   Low Skew Clock Buffer
CY7B9920-5SC CYPRESS-CY7B9920-5SC Datasheet
162Kb / 7P
   Low Skew Clock Buffer
CY7B9920-5SI CYPRESS-CY7B9920-5SI Datasheet
162Kb / 7P
   Low Skew Clock Buffer
CY7B9920-7SC CYPRESS-CY7B9920-7SC Datasheet
162Kb / 7P
   Low Skew Clock Buffer
More results

Similar Description - CY7B9920

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
logo
List of Unclassifed Man...
FS6050 ETC1-FS6050 Datasheet
386Kb / 19P
   LOW-SKEW CLOCK FANOUT BUFFER ICs
logo
Cypress Semiconductor
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V_07 Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com