Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B9911 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7B9911
Description  Programmable Skew Clock Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9911 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7B9911 Datasheet HTML 5Page - Cypress Semiconductor CY7B9911 Datasheet HTML 6Page - Cypress Semiconductor CY7B9911 Datasheet HTML 7Page - Cypress Semiconductor CY7B9911 Datasheet HTML 8Page - Cypress Semiconductor CY7B9911 Datasheet HTML 9Page - Cypress Semiconductor CY7B9911 Datasheet HTML 10Page - Cypress Semiconductor CY7B9911 Datasheet HTML 11Page - Cypress Semiconductor CY7B9911 Datasheet HTML 12Page - Cypress Semiconductor CY7B9911 Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CY7B9911
RoboClock+™
Document Number: 38-07209 Rev. *B
Page 11 of 13
Figure 7 shows some of the functions that are selectable on the
3Qx and 4Qx outputs. These include inverted outputs and
outputs that offer divide-by-2 and divide-by-4 timing. An inverted
output allows the system designer to clock different subsystems
on opposite edges, without suffering from the pulse asymmetry
typical of non-ideal loading. This function enables each of the
two subsystems to clock 180 degrees out of phase, but still stay
aligned within the skew specification.
The divided outputs offer a zero delay divider for portions of the
system that divides the clock by either two or four, and still remain
within a narrow skew of the “1X” clock. Without this feature,
addition of an external divider is required and the propagation
delay of the divider adds to the skew between the different clock
signals.
These divided outputs, coupled with the Phase Locked Loop,
enable the PSCB to multiply the clock rate at the REF input by
either two or four. This mode enables the designer to distribute
a low frequency clock between various portions of the system. It
also locally multiplies the clock rate to a more suitable frequency,
maintaining the low skew characteristics of the clock driver. The
PSCB performs all of the functions described in this section at
the same time. It can multiply by two and four or divide by two
(and four) at the same time that it is shifting its outputs over a
wide range or maintaining zero skew between selected outputs.
Figure 8. Multi-Function Clock Driver
Figure 9. Board-to-Board Clock Distribution
20 MHz
DISTRIBUTION
CLOCK
80 MHz
INVERTED
Z0
20 MHz
80 MHz
ZEROSKEW
80 MHz
SKEWED4ns
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
TEST
REF
LOAD
LOAD
LOAD
LOAD
Z0
Z0
Z0
SYSTEM
CLOCK
Z0
L1
L2
L3
L4
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
TEST
REF
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
REF
FS
FB
LOAD
LOAD
LOAD
LOAD
LOAD
TEST
Z0
Z0
Z0


Similar Part No. - CY7B9911

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911 Datasheet
223Kb / 11P
   High-Speed Low-Voltage Programmable Skew Clock Buffer LV-PSCB
CY7B9911 CYPRESS-CY7B9911 Datasheet
244Kb / 12P
   Programmable Skew Clock Buffer (PSCB)
CY7B9911 CYPRESS-CY7B9911 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
CY7B9911-5JC CYPRESS-CY7B9911-5JC Datasheet
244Kb / 12P
   Programmable Skew Clock Buffer (PSCB)
CY7B9911-5JC CYPRESS-CY7B9911-5JC Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
More results

Similar Description - CY7B9911

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911 Datasheet
244Kb / 12P
   Programmable Skew Clock Buffer (PSCB)
logo
Maxwell Technologies
7B991 MAXWELL-7B991 Datasheet
253Kb / 17P
   Programmable Skew Clock Buffer (PSCB)
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com