Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70P3337S233RMI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT70P3337S233RMI
Description  1024K/512K x18 SYNCHRONOUS DUAL QDR-II
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70P3337S233RMI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT70P3337S233RMI Datasheet HTML 2Page - Integrated Device Technology IDT70P3337S233RMI Datasheet HTML 3Page - Integrated Device Technology IDT70P3337S233RMI Datasheet HTML 4Page - Integrated Device Technology IDT70P3337S233RMI Datasheet HTML 5Page - Integrated Device Technology IDT70P3337S233RMI Datasheet HTML 6Page - Integrated Device Technology IDT70P3337S233RMI Datasheet HTML 7Page - Integrated Device Technology IDT70P3337S233RMI Datasheet HTML 8Page - Integrated Device Technology IDT70P3337S233RMI Datasheet HTML 9Page - Integrated Device Technology IDT70P3337S233RMI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
18/9Mb QDR-IITM x18 IDT70P3307/70P3337
SYNCHRONOUS Dual QDR-IITM
Preliminary Datasheet
Commercial Temperatue Range
6
July 16, 2007
Truth Table I - Synchronous Port Control(1)
D(3,4)
Q(3,4)
OPERATION
K
KR
W
EO(2) E1(2)
D(A+0)
D(A+1)
C
C
Q(A+0)
Q(A+1)
Stopped
X
X
X
X
X
Stopped
Previous state
Clock stopped
Stopped
X
X
X
Stopped
Previous state Clock stopped
HH
X
X
X
High - Z
No operation
XX
X
High - Z
No operation
XX
F
X
X
High - Z
No operation
FX
X
High - Z
No operation
XX
X
F
X
High - Z
No operation
XF
X
High - Z
No operation
LX
T
T
X
DOUT at C (t+1)
Read
XX
X
DOUT at C (t+2) Read
XL
X
X
DIN at K(t)
XWrite
TT
DIN at K(t)
XWrite
6725 tbl 03
NOTES:
1. x = "Don’t Care", H = Logic High, L = Logic Low,
represents rising edge.
2. T (True) = E and EP have some polarity (device selected) on the rising edge of the appropriate clock. F (False) =E and
EP have opposite polarity (device de-selected) on the rising edge of the appropriate clock. See Truth Table III.
3. "A" represents address location latched by the device when operation was initiated. A+0, A+1 represents the internal
address sequence in the burst.
4. "t" represents the cycle at which a read/write operation is started. t+1 and t+2 are the first and second clock cycles
respectively following clock cycle t.
Truth Table II - Write Port Enable Control(2,3)
K
KBW0(1) BW1(1)
Mode
Input Input
Input
Input
H
H
Write function disabled all bytes
H
H
Write function disabled all bytes
L
H
Write data inputs to Byte 0 Only
L
H
Write data inputs to Byte 0 Only
H
L
Write data inputs to Byte 1 Only
H
L
Write data inputs to Byte 1 Only
L
L
Write data inputs to all Bytes
L
L
Write data inputs to all Bytes
6725 tbl03a
NOTES:
1. BW0 controls D[8:0], BW1 controls D[17:9].
2. For this table: W is Low on the rising edge of K; E0 and E1 are true on the rising edge of K. See Truth Tables I and III.
Addresses for Writes are qualified on rising edge of K.
3. This table represents a subset of the potential write scenarios based upon BW0 - BW1 inputs and is meant to illustrate
basic device functionality.


Similar Part No. - IDT70P3337S233RMI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P34 IDT-IDT70P34 Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P34L20BF IDT-IDT70P34L20BF Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P34L20BFI IDT-IDT70P34L20BFI Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P34L20BY IDT-IDT70P34L20BY Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P34L20BYI IDT-IDT70P34L20BYI Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70P3337S233RMI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P3537 IDT-IDT70P3537 Datasheet
873Kb / 20P
   512K/256K x36 SYNCHRONOUS DUAL QDR-II
logo
Cypress Semiconductor
CY7C129 CYPRESS-CY7C129 Datasheet
243Kb / 8P
   RAM9 QDR-I/DDR-I/QDR-II/DDR- II Errata
logo
Integrated Device Techn...
IDT70V9389 IDT-IDT70V9389 Datasheet
327Kb / 19P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Samsung semiconductor
K7R163684B SAMSUNG-K7R163684B Datasheet
418Kb / 18P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7S3236U4C SAMSUNG-K7S3236U4C Datasheet
444Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
logo
Integrated Silicon Solu...
IS61VPD51236A ISSI-IS61VPD51236A Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
logo
Samsung semiconductor
K7R643684M SAMSUNG-K7R643684M_07 Datasheet
451Kb / 19P
   2Mx36 & 4Mx18 QDR II b4 SRAM
K7S1636T4C SAMSUNG-K7S1636T4C Datasheet
382Kb / 20P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7S1636U4C SAMSUNG-K7S1636U4C Datasheet
381Kb / 20P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7S3236T4C SAMSUNG-K7S3236T4C_08 Datasheet
445Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com