Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B9911V-7JC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7B9911V-7JC
Description  High Speed Low Voltage Programmable Skew Clock Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9911V-7JC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7B9911V-7JC Datasheet HTML 2Page - Cypress Semiconductor CY7B9911V-7JC Datasheet HTML 3Page - Cypress Semiconductor CY7B9911V-7JC Datasheet HTML 4Page - Cypress Semiconductor CY7B9911V-7JC Datasheet HTML 5Page - Cypress Semiconductor CY7B9911V-7JC Datasheet HTML 6Page - Cypress Semiconductor CY7B9911V-7JC Datasheet HTML 7Page - Cypress Semiconductor CY7B9911V-7JC Datasheet HTML 8Page - Cypress Semiconductor CY7B9911V-7JC Datasheet HTML 9Page - Cypress Semiconductor CY7B9911V-7JC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CY7B9911V
3.3V RoboClock+™
Document Number: 38-07408 Rev. *D
Page 6 of 14
groups, and the PLL aligns the rising edges of REF and FB, you
can create wider output skews by proper selection of the xFn
inputs. For example, a +10 tU between REF and 3Qx is achieved
by connecting 1Q0 to FB and setting 1F0 = 1F1 = GND, 3F0 =
MID, and 3F1 = High. (Since FB aligns at –4 tU and 3Qx skews
to +6 tU, a total of +10 tU skew is realized). Many other configu-
rations are realized by skewing both the outputs used as the FB
input and skewing the other outputs.
Figure 4 shows an example of the invert function of the LVPSCB.
In this example, the 4Q0 output used as the FB input is
programmed for invert (4F0 = 4F1 = HIGH) while the other three
pairs of outputs are programmed for zero skew. When 4F0 and
4F1 are tied HIGH, 4Q0 and 4Q1 become inverted zero phase
outputs. The PLL aligns the rising edge of the FB input with the
rising edge of the REF. This causes the 1Q, 2Q, and 3Q outputs
to become the “inverted” outputs with respect to the REF input.
By selecting the output connected to FB, you can have two
inverted and six non-inverted outputs or six inverted and two
non-inverted outputs. The correct configuration is determined by
the need for more (or fewer) inverted outputs. 1Q, 2Q, and 3Q
outputs are also skewed to compensate for varying trace delays
independent of inversion on 4Q.
Figure 5 shows the LVPSCB configured as a clock multiplier. The
3Q0 output is programmed to divide by four and is sent back to
FB. This causes the PLL to increase its frequency until the 3Q0
and 3Q1 outputs are locked at 20 MHz, while the 1Qx and 2Qx
outputs run at 80 MHz. The 4Q0 and 4Q1 outputs are
programmed to divide by two, that results in a 40 MHz waveform
at these outputs. Note that the 20 and 40 MHz clocks fall simul-
taneously and are out of phase on their rising edge. This enables
the designer to use the rising edges of the 1
2 frequency and
1
4
frequency outputs without concern for rising edge skew. The
2Q0, 2Q1, 1Q0, and 1Q1 outputs run at 80 MHz and are skewed
by programming their select inputs accordingly. Note that the FS
pin is wired for 80 MHz operation because that is the frequency
of the fastest output.
Figure 6 shows the LVPSCB in a clock divider application. 2Q0
is sent back to the FB input and programmed for zero skew. 3Qx
is programmed to divide by four. 4Qx is programmed to divide by
two. Note that the falling edges of the 4Qx and 3Qx outputs are
aligned. This enables use of the rising edges of the 1
2 frequency
and 1
4 frequency without concern for skew mismatch. The 1Qx
outputs are programmed to zero skew and are aligned with the
2Qx outputs. In this example, the FS input is grounded to
configure the device in the 15 to 30 MHz range, since the highest
frequency output is running at 20 MHz.
Figure 7 shows some of the functions that are selectable on the
3Qx and 4Qx outputs. These include inverted outputs and
outputs that offer divide-by-2 and divide-by-4 timing. An inverted
output
enables
the
system
designer
to
clock
different
subsystems on opposite edges, without suffering from the pulse
asymmetry typical of non-ideal loading. This function enables
each of the two subsystems to clock 180 degrees out of phase,
but still is aligned within the skew specification.
The divided outputs offer a zero delay divider for portions of the
system that divide the clock by either two or four, and still remain
within a narrow skew of the “1X” clock. Without this feature, an
external divider is added, and the propagation delay of the
divider adds to the skew between the different clock signals.
These divided outputs, coupled with the Phase Locked Loop,
allow the LVPSCB to multiply the clock rate at the REF input by
either two or four. This mode enables the designer to distribute
a low frequency clock between various portions of the system,
and then locally multiply the clock rate to a more suitable
Figure 4. Inverted Output Connections
Figure 5. Frequency Multiplier with Skew Connections
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
TEST
REF
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
TEST
REF
20 MHz
20 MHz
40 MHz
80 MHz
Figure 6. Frequency Divider Connections
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
TEST
REF
20 MHz
5 MHz
10 MHz
20 MHz


Similar Part No. - CY7B9911V-7JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911V-7JC CYPRESS-CY7B9911V-7JC Datasheet
223Kb / 11P
   High-Speed Low-Voltage Programmable Skew Clock Buffer LV-PSCB
More results

Similar Description - CY7B9911V-7JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V_11 Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
logo
Pericom Semiconductor C...
PI6C3991 PERICOM-PI6C3991 Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V Datasheet
223Kb / 11P
   High-Speed Low-Voltage Programmable Skew Clock Buffer LV-PSCB
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V_07 Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com