Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP4S-680RGA5 Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # WP4S-680RGA5
Description  Compact Flameproof Power Wirewound Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WP4S-680RGA5 Datasheet(HTML) 3 Page - Welwyn Components Limited

  WP4S-680RGA5 Datasheet HTML 1Page - Welwyn Components Limited WP4S-680RGA5 Datasheet HTML 2Page - Welwyn Components Limited WP4S-680RGA5 Datasheet HTML 3Page - Welwyn Components Limited WP4S-680RGA5 Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1. If the resistors are to dissipate full rated power, it is recommended that the terminations should not be soldered closer than
4mm from the body.
2. Due to operating temperature limits imposed by some PCB materials, derating may be necessary. An estimate of the
temperature rise to be expected at the center of the body can be calculated using the thermal impedance figures given under
Electrical Data.
3. WP-S resistors can also be supplied with radial, goalpost or lancet pre-formed leads. WP2S, WP3S, WP4S and WP5S are also
available in an SMD format with Z formed leads and packed in blister tape. Consult factory for details.
Application Notes
Radial
Goalpost
Lancet
Z-form
Compact Flameproof Power
Wirewound Resistors
WP-S Series
Welwyn Components
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue E · 07.06
The standard packaging for WP-S is taped. The critical dimensions are shown in Figure 1. The component wires will not
protrude beyond the outside edge of the tapes. Taped product is then packed into boxes or onto reels; see Ordering Procedure
for details. Alternative packaging is available by request. Pre-formed resistors are supplied loose packed in plastic bags or boxes.
Packaging
Dimensions (mm)
b
c
WP1S
52
5
WP2S
52
5
WP25S
52
5
WP3S
67
10
WP4S
63
10
WP5S
63
10
WP7S
85
10
Figure 1
66
C
b
f1
f2
Body location f1 - f2
1.4mm
<


Similar Part No. - WP4S-680RGA5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
WP4S MINI-WP4S Datasheet
306Kb / 1P
   Power Splitter/Combiner
More results

Similar Description - WP4S-680RGA5

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
WW10 WILLOW-WW10 Datasheet
112Kb / 2P
   FLAMEPROOF WIREWOUND RESISTORS
logo
List of Unclassifed Man...
FA80 ETC1-FA80 Datasheet
84Kb / 2P
   Flameproof Power Oxide Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
   FLAMEPROOF POWER METAL FILM RESISTORS
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
   Flameproof Power Metal Film Resistors
logo
Welwyn Components Limit...
MFP WELWYN-MFP Datasheet
394Kb / 2P
   Flameproof Power Metal Film Resistors
logo
RFE international
FM25 RFE-FM25 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
logo
Vishay Siliconix
CCF02 VISHAY-CCF02 Datasheet
272Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision 02-Feb-06
CPF21K2000FKE14 VISHAY-CPF21K2000FKE14 Datasheet
242Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision: 05-Oct-05
logo
List of Unclassifed Man...
RP2W101JB ETC1-RP2W101JB Datasheet
60Kb / 3P
   POWER WIREWOUND RESISTORS
logo
Vishay Siliconix
CCF02 VISHAY-CCF02_15 Datasheet
144Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision: 15-Nov-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com