Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B9911V-5JXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7B9911V-5JXC
Description  High Speed Low Voltage Programmable Skew Clock Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9911V-5JXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7B9911V-5JXC Datasheet HTML 1Page - Cypress Semiconductor CY7B9911V-5JXC Datasheet HTML 2Page - Cypress Semiconductor CY7B9911V-5JXC Datasheet HTML 3Page - Cypress Semiconductor CY7B9911V-5JXC Datasheet HTML 4Page - Cypress Semiconductor CY7B9911V-5JXC Datasheet HTML 5Page - Cypress Semiconductor CY7B9911V-5JXC Datasheet HTML 6Page - Cypress Semiconductor CY7B9911V-5JXC Datasheet HTML 7Page - Cypress Semiconductor CY7B9911V-5JXC Datasheet HTML 8Page - Cypress Semiconductor CY7B9911V-5JXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CY7B9911V
3.3V RoboClock+™
High Speed Low Voltage Programmable Skew
Clock Buffer
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-07408 Rev. *D
Revised June 20, 2007
Features
All output pair skew <100 ps typical (250 max)
3.75 to 110 MHz output operation
User selectable output functions
Selectable skew to 18 ns
Inverted and non-inverted
Operation at
1
2 and
1
4 input frequency
Operation at 2x and 4x input frequency (input as low as
3.75 MHz)
Zero input-to-output delay
50% duty cycle outputs
LVTTL outputs drive 50Ω terminated lines
Operates from a single 3.3V supply
Low operating current
32-pin PLCC package
Jitter 100 ps (typical)
Functional Description
The CY7B9911V 3.3V RoboClock+™ High Speed Low
Voltage Programmable Skew Clock Buffer (LVPSCB) offers
user selectable control over system clock functions. These
multiple output clock drivers provide the system integrator with
functions necessary to optimize the timing of high perfor-
mance computer systems. Each of the eight individual drivers,
arranged in four pairs of user controllable outputs, can drive
terminated transmission lines with impedances as low as 50
Ω.
They deliver minimal and specified output skews and full swing logic
levels (LVTTL).
Each output is hardwired to one of nine delay or function
configurations. Delay increments of 0.7 to 1.5 ns are deter-
mined by the operating frequency with outputs that can skew
up to ±6 time units from their nominal “zero” skew position. The
completely integrated PLL allows external load and cancels
the transmission line delay effects. When this “zero delay”
capability of the LVPSCB is combined with the selectable
output skew functions, you can create output-to-output delays
of up to ±12 time units.
Divide-by-two and divide-by-four output functions are provided
for additional flexibility in designing complex clock systems.
When combined with the internal PLL, these divide functions
allow distribution of a low frequency clock that are multiplied
by two or four at the clock destination. This facility minimizes
clock distribution difficulty enabling maximum system clock
speed and flexibility.
TEST
FB
REF
VCO AND
TIME UNIT
GENERATOR
FS
SELECT
INPUTS
(THREE
LEVEL)
SKEW
SELECT
MATRIX
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
FILTER
PHASE
FREQ
DET
Logic Block Diagram


Similar Part No. - CY7B9911V-5JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911V-5JXC CYPRESS-CY7B9911V-5JXC Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V-5JXCT CYPRESS-CY7B9911V-5JXCT Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
More results

Similar Description - CY7B9911V-5JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V_11 Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
logo
Pericom Semiconductor C...
PI6C3991 PERICOM-PI6C3991 Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V Datasheet
223Kb / 11P
   High-Speed Low-Voltage Programmable Skew Clock Buffer LV-PSCB
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V_07 Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com