Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICSSSTUAF32865AHLFT Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICSSSTUAF32865AHLFT
Description  25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICSSSTUAF32865AHLFT Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICSSSTUAF32865AHLFT Datasheet HTML 3Page - Integrated Device Technology ICSSSTUAF32865AHLFT Datasheet HTML 4Page - Integrated Device Technology ICSSSTUAF32865AHLFT Datasheet HTML 5Page - Integrated Device Technology ICSSSTUAF32865AHLFT Datasheet HTML 6Page - Integrated Device Technology ICSSSTUAF32865AHLFT Datasheet HTML 7Page - Integrated Device Technology ICSSSTUAF32865AHLFT Datasheet HTML 8Page - Integrated Device Technology ICSSSTUAF32865AHLFT Datasheet HTML 9Page - Integrated Device Technology ICSSSTUAF32865AHLFT Datasheet HTML 10Page - Integrated Device Technology ICSSSTUAF32865AHLFT Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IDT74SSTUBF32865A
28-BIT 1:2 REGISTERED BUFFER WITH PARITY
COMMERCIAL TEMPERATURE GRADE
28-BIT 1:2 REGISTERED BUFFER WITH PARITY
7
IDT74SSTUBF32865A
7092/10
Absolute Maximum Ratings
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Item
Rating
Supply Voltage, VDD
-0.5V to 2.5V
Input Voltage Range, VI1
1
The input and output negative voltage ratings may be exceeded if the ratings of the I/P and
O/P clamp current are observed.
-0.5V to VDD + 2.5V
Output Voltage Range, VO1,2
2
This current will flow only when the output is in the high state level VO > VDDQ.
-0.5V to VDDQ + 0.5V
Input Clamp Current, IIK
±50mA
Output Clamp Current, IOK
±50mA
Continuous Output Clamp Current, IO
±50mA
Continuous Current through each VDD or GND
±100mA
Package Thermal Impedance (
θja)3
3
The package thermal impedance is calculated in accordance with JESD 51.
0m/s Airflow
44.3
°C/W
1m/s Airflow
38.1
°C/W
Storage Temperature
-65 to +150
°C


Similar Part No. - ICSSSTUAF32865AHLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICSSSTUAF32865AHLFT RENESAS-ICSSSTUAF32865AHLFT Datasheet
676Kb / 17P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
More results

Similar Description - ICSSSTUAF32865AHLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICSSSTUAF32866B IDT-ICSSSTUAF32866B Datasheet
640Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Integrated Circuit Syst...
ICSSSTUB32866B ICST-ICSSSTUB32866B Datasheet
540Kb / 28P
   25-Bit Configurable Registered Buffer for DDR2
ICSSSTUBF32866A ICST-ICSSSTUBF32866A Datasheet
292Kb / 28P
   25-Bit Configurable Registered Buffer for DDR2
logo
Integrated Device Techn...
ICSSSTUB32864A IDT-ICSSSTUB32864A Datasheet
141Kb / 12P
   25-Bit Configurable Registered Buffer for DDR2
ICSSSTUA32864B IDT-ICSSSTUA32864B Datasheet
437Kb / 11P
   25-Bit Configurable Registered Buffer for DDR2
logo
Renesas Technology Corp
IDT74SSTUAE32866A RENESAS-IDT74SSTUAE32866A Datasheet
837Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUAF32866C RENESAS-ICSSSTUAF32866C Datasheet
771Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUA32864B RENESAS-ICSSSTUA32864B Datasheet
677Kb / 12P
   25-Bit Configurable Registered Buffer for DDR2
2019
logo
Integrated Device Techn...
IDT74SSTUBF32866B IDT-IDT74SSTUBF32866B Datasheet
640Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
ICSSSTUB32864A RENESAS-ICSSSTUB32864A Datasheet
350Kb / 13P
   25-Bit Configurable Registered Buffer for DDR2
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com