Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS98UAE877AHLFT Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS98UAE877AHLFT
Description  1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS98UAE877AHLFT Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS98UAE877AHLFT Datasheet HTML 1Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 2Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 3Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 4Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 5Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 6Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 7Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 8Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ICS98UAE877A
1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
COMMERCIAL TEMPERATURE GRADE
1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
4
ICS98UAE877A
7181/2
Pin Descriptions
Terminal Name
Description
Electrical
Characteristics
AGND
Analog Ground
Ground
AVDD
Analog Power
1.5V Nominal
CLK_INT
Clock Input with a 10K-100K
Ω pulldown resistor
Differential Input
CLK_INC
Complementary Clock Input with a 10K-100K
Ω pulldown
resistor
Differential Input
FB_INT
Feedback Clock Input
Differential Input
FB_INC
Complementary Feedback clock input
Differential Input
FB_OUTT
Feedback Clock Output
Differential Output
FB_OUTC
Complementary Feedback clock Output
Differential Output
OE
Output Enable (Asynchronous)
LVCMOS Input
OS
Output Select (tied to GND or VDDQ)
LVCMOS Input
GND
Ground
Ground
VDDQ
Logic and Output Power
1.5V Nominal
CLKT[0:9]
Clock Outputs
Differential Outputs
CLKC[0:9]
Complementary Clock Outputs
Differential Outputs
NB
No Ball


Similar Part No. - ICS98UAE877AHLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS98UAE877A RENESAS-ICS98UAE877A Datasheet
408Kb / 17P
   1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
2019
More results

Similar Description - ICS98UAE877AHLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS98UAE877A RENESAS-ICS98UAE877A Datasheet
408Kb / 17P
   1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
2019
logo
Integrated Circuit Syst...
ICS97ULP845A ICST-ICS97ULP845A Datasheet
162Kb / 12P
   1.8V Low-Power Wide-Range Frequency Clock Driver
ICS97U2A877A ICST-ICS97U2A877A Datasheet
175Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
ICS97U2A845A ICST-ICS97U2A845A Datasheet
215Kb / 13P
   1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Renesas Technology Corp
ICS97ULPA877A RENESAS-ICS97ULPA877A Datasheet
407Kb / 16P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS97U2A845A RENESAS-ICS97U2A845A Datasheet
421Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS98ULPA877A RENESAS-ICS98ULPA877A Datasheet
367Kb / 15P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
logo
Integrated Circuit Syst...
ICS97ULP844A ICST-ICS97ULP844A Datasheet
133Kb / 12P
   1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Renesas Technology Corp
ICS97ULP844A RENESAS-ICS97ULP844A Datasheet
411Kb / 13P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
logo
Integrated Device Techn...
ICS98ULPA877A IDT-ICS98ULPA877A Datasheet
162Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com