Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B9910-7SXCT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7B9910-7SXCT
Description  Low Skew Clock Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9910-7SXCT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7B9910-7SXCT Datasheet HTML 1Page - Cypress Semiconductor CY7B9910-7SXCT Datasheet HTML 2Page - Cypress Semiconductor CY7B9910-7SXCT Datasheet HTML 3Page - Cypress Semiconductor CY7B9910-7SXCT Datasheet HTML 4Page - Cypress Semiconductor CY7B9910-7SXCT Datasheet HTML 5Page - Cypress Semiconductor CY7B9910-7SXCT Datasheet HTML 6Page - Cypress Semiconductor CY7B9910-7SXCT Datasheet HTML 7Page - Cypress Semiconductor CY7B9910-7SXCT Datasheet HTML 8Page - Cypress Semiconductor CY7B9910-7SXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY7B9910
CY7B9920
Document Number: 38-07135 Rev. *B
Page 2 of 11
Pin Configuration
Test Mode
The TEST input is a three level input. In normal system operation, this pin is connected to ground, allowing the CY7B9910 and
CY7B9920 to operate as described in Block Diagram Description. For testing purposes, any of the three level inputs can have a
removable jumper to ground or be tied LOW through a 100W resistor. This enables an external tester to change the state of these pins.
If the TEST input is forced to its MID or HIGH state, the device operates with its internal phase locked loop disconnected and input
levels supplied to REF directly control all outputs. Relative output-to-output functions are the same as in normal mode.
Pin Definitions
Signal Name
IO
Description
REF
I
Reference frequency input.This input supplies the frequency and timing against which all functional
variations are measured.
FB
I
PLL feedback input (typically connected to one of the eight outputs).
FS[1,2,3]
I
Three level frequency range select.
TEST
I
Three level select. See TEST MODE.
Q[0..7]
O
Clock outputs.
VCCN
PWR
Power supply for output drivers.
VCCQ
PWR
Power supply for internal circuitry.
GND
PWR
Ground.
Q4
Q2
REF
VCCQ
FS
NC
VCCQ
VCCN
Q0
Q1
GND
Q3
VCCN
GND
TEST
NC
GND
VCCN
Q7
Q6
GND
Q5
VCCN
FB
SOIC
Top View
1
2
3
4
5
6
7
8
9
10
11
12
15
16
17
18
19
20
24
23
22
21
13
14
7B9910
7B9920
Notes
1. For all three state inputs, HIGH indicates a connection to VCC, LOW indicates a connection to GND, and MID indicates an open connection. Internal termination
circuitry holds an unconnected input to VCC/2.
2. The level to be set on FS is determined by the “normal” operating frequency (fNOM) of the VCO (see Logic Block Diagram). The frequency appearing at the REF
and FB inputs are fNOM when the output connected to FB is undivided. The frequency of the REF and FB inputs are fNOM/X when the device is configured for a
frequency multiplication by using external division in the feedback path of value X.
3. When the FS pin is selected HIGH, the REF input must not transition upon power up until VCC reached 4.3V.
[+] Feedback


Similar Part No. - CY7B9910-7SXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9910-7SC CYPRESS-CY7B9910-7SC Datasheet
162Kb / 7P
   Low Skew Clock Buffer
CY7B9910-7SI CYPRESS-CY7B9910-7SI Datasheet
162Kb / 7P
   Low Skew Clock Buffer
More results

Similar Description - CY7B9910-7SXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
logo
List of Unclassifed Man...
FS6050 ETC1-FS6050 Datasheet
386Kb / 19P
   LOW-SKEW CLOCK FANOUT BUFFER ICs
logo
Cypress Semiconductor
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V_07 Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com