Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74SSTUBF32869ABKGT Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT74SSTUBF32869ABKGT
Description  14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74SSTUBF32869ABKGT Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT74SSTUBF32869ABKGT Datasheet HTML 5Page - Integrated Device Technology IDT74SSTUBF32869ABKGT Datasheet HTML 6Page - Integrated Device Technology IDT74SSTUBF32869ABKGT Datasheet HTML 7Page - Integrated Device Technology IDT74SSTUBF32869ABKGT Datasheet HTML 8Page - Integrated Device Technology IDT74SSTUBF32869ABKGT Datasheet HTML 9Page - Integrated Device Technology IDT74SSTUBF32869ABKGT Datasheet HTML 10Page - Integrated Device Technology IDT74SSTUBF32869ABKGT Datasheet HTML 11Page - Integrated Device Technology IDT74SSTUBF32869ABKGT Datasheet HTML 12Page - Integrated Device Technology IDT74SSTUBF32869ABKGT Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
IDT74SSTUBF32869A
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
9
IDT74SSTUBF32869A
7093/8
CONFIDENTIAL
Absolute Maximum Ratings
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Mode Select
Output Buffer Characteristics
Output edge rates over recommended operating free-air temperature range
Item
Rating
Supply Voltage, VDD
-0.5V to 2.5V
Input Voltage Range, VI1
1
The input and output negative voltage ratings may be exceeded if the ratings of the I/P and
O/P clamp current are observed.
-0.5V to VDD + 2.5V
Output Voltage Range, VO1,2
2
This current will flow only when the output is in the high state level VO > VDDQ.
-0.5V to VDDQ + 0.5V
Input Clamp Current, IIK
±50mA
Output Clamp Current, IOK
±50mA
Continuous Output Clamp Current, IO
±50mA
Continuous Current through each VDD or GND
±100mA
Package Thermal Impedance (
θja)3
3
The package thermal impedance is calculated in accordance with JESD 51.
0m/s Airflow
40
°C/W
1m/s Airflow
29
°C/W
Storage Temperature
-65 to +150
°C
C1
Device Mode
0
First device in pair, Front
1
Second device in pair, Back
Parameter
VDD = 1.8V ± 0.1V
Units
Min.
Max.
dV/dt_r
1
4
V/ns
dV/dt_f
1
4
V/ns
dV/dt_
Δ1
1
Difference between dV/dt_r (rising edge rate) and dV/dt_f (falling edge rate).
1V/ns


Similar Part No. - IDT74SSTUBF32869ABKGT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74SSTUBF32869ABKG8 RENESAS-IDT74SSTUBF32869ABKG8 Datasheet
601Kb / 22P
   14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2 CONFIDENTIAL
2019
More results

Similar Description - IDT74SSTUBF32869ABKGT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICSSSTUA32S869B ICST-ICSSSTUA32S869B Datasheet
290Kb / 18P
   14-Bit Configurable Registered Buffer for DDR2
logo
Integrated Device Techn...
ICSSSTUAF32869A IDT-ICSSSTUAF32869A Datasheet
498Kb / 21P
   14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
ICSSSTUB32S869B RENESAS-ICSSSTUB32S869B Datasheet
941Kb / 18P
   14-Bit Configurable Registered Buffer for DDR2
2019
ICSSSTUAF32869A RENESAS-ICSSSTUAF32869A Datasheet
693Kb / 21P
   14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
IDT74SSTUBF32869A RENESAS-IDT74SSTUBF32869A Datasheet
601Kb / 22P
   14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2 CONFIDENTIAL
2019
logo
Integrated Device Techn...
ICSSSTUAF32865A IDT-ICSSSTUAF32865A Datasheet
422Kb / 17P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32866B IDT-ICSSSTUAF32866B Datasheet
640Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
IDT74SSTUBF32868A IDT-IDT74SSTUBF32868A Datasheet
541Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
ICSSSTUB32S868D RENESAS-ICSSSTUB32S868D Datasheet
525Kb / 21P
   28-Bit Configurable Registered Buffer for DDR2
2019
ICSSSTUAF32868B RENESAS-ICSSSTUAF32868B Datasheet
737Kb / 23P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com