Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B9945V-2AIT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7B9945V-2AIT
Description  High Speed Multi-phase PLL Clock Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9945V-2AIT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7B9945V-2AIT Datasheet HTML 3Page - Cypress Semiconductor CY7B9945V-2AIT Datasheet HTML 4Page - Cypress Semiconductor CY7B9945V-2AIT Datasheet HTML 5Page - Cypress Semiconductor CY7B9945V-2AIT Datasheet HTML 6Page - Cypress Semiconductor CY7B9945V-2AIT Datasheet HTML 7Page - Cypress Semiconductor CY7B9945V-2AIT Datasheet HTML 8Page - Cypress Semiconductor CY7B9945V-2AIT Datasheet HTML 9Page - Cypress Semiconductor CY7B9945V-2AIT Datasheet HTML 10Page - Cypress Semiconductor CY7B9945V-2AIT Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PRELIMINARY
CY7B9945V
Document Number: 38-07336 Rev. *F
Page 10 of 11
Package Diagram
Figure 5. 52 - Pin Thin Plastic Quad Flat Pack (10 x 10 x 1.4 mm) A52 and AZ52
Ordering Information
Propagation
Delay (ps)
Max. Speed
(MHz)
Ordering Code
Package
Name
Package Type
Operating
Range
250
200
CY7B9945V-2AC
A52
52-Pb TQFP
Commercial
500
200
CY7B9945V-5AC
A52
52-Pb TQFP
Commercial
250
200
CY7B9945V-2AI
A52
52-Pb TQFP
Industrial
200
CY7B9945V-2AIT
A52
52-PbTQFP
Industrial
500
200
CY7B9945V-5AI [22.]
A52
52-Pb TQFP
Industrial
Pb-free
250
200
CY7B9945V-2AXC
AZ52
52-Pb TQFP
Commercial
200
CY7B9945V-2AXCT
AZ52
52-Pb TQFP – Tape and Reel
Commercial
250
200
CY7B9945V-2AXI
AZ52
52-PbTQFP
Industrial
200
CY7B9945V-2AXIT
AZ52
52-PbTQFP – Tape and Reel
Industrial
500
200
CY7B9945V-5AXC
AZ52
52-Pb TQFP
Commercial
200
CY7B9945V-5AXCT
AZ52
52-Pb TQFP – Tape and Reel
Commercial
51-85131-**
Note
22. Not for new designs.
[+] Feedback
[+] Feedback


Similar Part No. - CY7B9945V-2AIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9945V-2AI CYPRESS-CY7B9945V-2AI Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
More results

Similar Description - CY7B9945V-2AIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_11 Datasheet
430Kb / 15P
   High Speed Multi-phase PLL Clock Buffer
CY7B9930V CYPRESS-CY7B9930V Datasheet
158Kb / 9P
   High-Speed Multi-Frequency PLL Clock Buffer
CY7B9973V CYPRESS-CY7B9973V Datasheet
167Kb / 8P
   High-Speed Multi-Output PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com