Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTAS4684AHG8 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDTAS4684AHG8
Description  0.5 OHM, DUAL SPDT ANALOG SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTAS4684AHG8 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDTAS4684AHG8 Datasheet HTML 6Page - Integrated Device Technology IDTAS4684AHG8 Datasheet HTML 7Page - Integrated Device Technology IDTAS4684AHG8 Datasheet HTML 8Page - Integrated Device Technology IDTAS4684AHG8 Datasheet HTML 9Page - Integrated Device Technology IDTAS4684AHG8 Datasheet HTML 10Page - Integrated Device Technology IDTAS4684AHG8 Datasheet HTML 11Page - Integrated Device Technology IDTAS4684AHG8 Datasheet HTML 12Page - Integrated Device Technology IDTAS4684AHG8 Datasheet HTML 13Page - Integrated Device Technology IDTAS4684AHG8 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
IDTAS4684
0.5 OHM, DUAL SPDT ANALOG SWITCH
ANALOG SWITCH
IDT™ 0.5 OHM, DUAL SPDT ANALOG SWITCH
10
IDTAS4684
REV B 103106
Package Outline and Package Dimensions (10-pin DFN 3x3mm)
Package dimensions are kept current with JEDEC Publication No. 95,
Millimeters
Symbol
Min
Max
A
0.80
1.00
A1
0
0.05
A3
0.20 Reference
b
0.18
0.30
N10
ND
5
NE
0
D
3.00 BASIC
E
3.00 BASIC
e
0.50 BASIC
D2
2.20
2.70
E2
1.40
1.75
L
0.30
0.50
aaa
0.15
bbb
0.10
ccc
0.10


Similar Part No. - IDTAS4684AHG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTAS4684A IDT-IDTAS4684A Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684A IDT-IDTAS4684A_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
More results

Similar Description - IDTAS4684AHG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTAS4684 IDT-IDTAS4684_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684A IDT-IDTAS4684A_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_06 Datasheet
115Kb / 11P
   Ultra-Low 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 4
NLAS5223B ONSEMI-NLAS5223B Datasheet
124Kb / 12P
   Ultra?묹ow 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 3
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684_15 Datasheet
514Kb / 12P
   0.5(OHM) Low-Voltage Dual SPDT Analog Switch
UM5223 UNIONSEMI-UM5223_16 Datasheet
188Kb / 6P
   0.5(ohm) Ultra Low On-Resistance Dual SPDT Analog Switch
logo
National Semiconductor ...
LMS4684 NSC-LMS4684 Datasheet
255Kb / 10P
   0.5 Low-Voltage, Dual SPDT Analog Switch
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_15 Datasheet
108Kb / 10P
   Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
logo
Shenzhen Huazhimei Semi...
HM5223 HMSEMI-HM5223 Datasheet
637Kb / 8P
   Ultra-Low 0.5廓 Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com