Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1006BN Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1006BN
Description  256K x 4 Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1006BN Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1006BN Datasheet HTML 1Page - Cypress Semiconductor CY7C1006BN Datasheet HTML 2Page - Cypress Semiconductor CY7C1006BN Datasheet HTML 3Page - Cypress Semiconductor CY7C1006BN Datasheet HTML 4Page - Cypress Semiconductor CY7C1006BN Datasheet HTML 5Page - Cypress Semiconductor CY7C1006BN Datasheet HTML 6Page - Cypress Semiconductor CY7C1006BN Datasheet HTML 7Page - Cypress Semiconductor CY7C1006BN Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CY7C106BN
CY7C1006BN
Document #: 001-06429 Rev. **
Page 3 of 8
AC Test Loads and Waveforms
Switching Characteristics Over the Operating Range[5]
7C106B-15
7C1006B-15
7C106B-20
7C1006B-20
Parameter
Description
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
15
20
ns
tAA
Address to Data Valid
15
20
ns
tOHA
Data Hold from Address Change
3
3
ns
tACE
CE LOW to Data Valid
15
20
ns
tDOE
OE LOW to Data Valid
7
8
ns
tLZOE
OE LOW to Low Z
0
0
ns
tHZOE
OE HIGH to High Z[6, 7]
78
ns
tLZCE
CE LOW to Low Z[7]
33
ns
tHZCE
CE HIGH to High Z[6, 7]
78
ns
tPU
CE LOW to Power-Up
0
0
ns
tPD
CE HIGH to Power-Down
15
20
ns
WRITE CYCLE[8, 9]
tWC
Write Cycle Time
15
20
ns
tSCE
CE LOW to Write End
12
15
ns
tAW
Address Set-Up to Write End
12
15
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-Up to Write Start
0
0
ns
tPWE
WE Pulse Width
12
15
ns
tSD
Data Set-Up to Write End
8
10
ns
tHD
Data Hold from Write End
0
0
ns
tLZWE
WE HIGH to Low Z[7]
33
ns
tHZWE
WE LOW to High Z[6, 7]
78
ns
Notes:
5. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30–pF load capacitance.
6. tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
7. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
8. The internal write time of the memory is defined by the overlap of CE and WE LOW. CE and WE must be LOW to initiate a write, and the transition of either of
these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write.
9. The minimum write cycle time for Write Cycle No. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
R1 480
R1 480
R2
255
R2
255
167
Equivalent to:
THÉVENIN EQUIVALENT
1.73V
Rise Time < 1V/ns
Fall Time < 1V/ns
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1006BN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1006BN CYPRESS-CY7C1006BN Datasheet
349Kb / 8P
   256K x 4 Static RAM
CY7C1006BN-15VC CYPRESS-CY7C1006BN-15VC Datasheet
349Kb / 8P
   256K x 4 Static RAM
More results

Similar Description - CY7C1006BN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
   256K x 4 Static RAM
CY7C106B CYPRESS-CY7C106B Datasheet
161Kb / 10P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN_11 Datasheet
406Kb / 9P
   256K x 4 Static RAM
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
   256K x Static RAM
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
   256K (256K x 1) Static RAM
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30_09 Datasheet
456Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146ESL CYPRESS-CY62146ESL_08 Datasheet
311Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18_10 Datasheet
505Kb / 16P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com