Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C106BN-15VC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C106BN-15VC
Description  256K x 4 Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C106BN-15VC Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY7C106BN-15VC Datasheet HTML 1Page - Cypress Semiconductor CY7C106BN-15VC Datasheet HTML 2Page - Cypress Semiconductor CY7C106BN-15VC Datasheet HTML 3Page - Cypress Semiconductor CY7C106BN-15VC Datasheet HTML 4Page - Cypress Semiconductor CY7C106BN-15VC Datasheet HTML 5Page - Cypress Semiconductor CY7C106BN-15VC Datasheet HTML 6Page - Cypress Semiconductor CY7C106BN-15VC Datasheet HTML 7Page - Cypress Semiconductor CY7C106BN-15VC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CY7C106BN
CY7C1006BN
Document #: 001-06429 Rev. **
Page 6 of 8
Write Cycle No. 3 (WE Controlled, OE LOW)[9, 15]
Switching Waveforms (continued)
DATA VALID
tHD
tSD
tLZWE
tPWE
tSA
tHA
tAW
tSCE
tWC
tHZWE
ADDRESS
CE
WE
DATA I/O
Truth Table
CE
OE
WE
Input/Output
Mode
Power
H
X
X
High Z
Power-Down
Standby (ISB)
L
L
H
Data Out
Read
Active (ICC)
L
X
L
Data In
Write
Active (ICC)
L
H
H
High Z
Selected, Outputs Disabled
Active (ICC)
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
15
CY7C106BN-15VC
51-85032
28-Lead (400-Mil) Molded SOJ
Commercial
CY7C1006BN-15VC
51-85031
28-Lead (300-Mil) Molded SOJ
20
CY7C106BN-20VC
51-85032
28-Lead (400-Mil) Molded SOJ
Commercial
Please contact local sales representative regarding availability of these parts.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C106BN-15VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C106BN-15VC CYPRESS-CY7C106BN-15VC Datasheet
349Kb / 8P
   256K x 4 Static RAM
CY7C106BN-15VC CYPRESS-CY7C106BN-15VC Datasheet
406Kb / 9P
   256K x 4 Static RAM
More results

Similar Description - CY7C106BN-15VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
   256K x 4 Static RAM
CY7C106B CYPRESS-CY7C106B Datasheet
161Kb / 10P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN_11 Datasheet
406Kb / 9P
   256K x 4 Static RAM
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
   256K x Static RAM
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
   256K (256K x 1) Static RAM
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30_09 Datasheet
456Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146ESL CYPRESS-CY62146ESL_08 Datasheet
311Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18_10 Datasheet
505Kb / 16P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com