Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C128A-15VC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C128A-15VC
Description  2K x 8 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C128A-15VC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C128A-15VC Datasheet HTML 1Page - Cypress Semiconductor CY7C128A-15VC Datasheet HTML 2Page - Cypress Semiconductor CY7C128A-15VC Datasheet HTML 3Page - Cypress Semiconductor CY7C128A-15VC Datasheet HTML 4Page - Cypress Semiconductor CY7C128A-15VC Datasheet HTML 5Page - Cypress Semiconductor CY7C128A-15VC Datasheet HTML 6Page - Cypress Semiconductor CY7C128A-15VC Datasheet HTML 7Page - Cypress Semiconductor CY7C128A-15VC Datasheet HTML 8Page - Cypress Semiconductor CY7C128A-15VC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2K x 8 Static RAM
CY7C128A
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05028 Rev. *A
Revised August 3, 2006
Features
• Automatic power-down when deselected
• CMOS for optimum speed/power
•High speed
—15 ns
• Low active power
— 660 mW (commercial)
• Low standby power
— 110 mW (20 ns)
• TTL-compatible inputs and outputs
• Capable of withstanding greater than 2001V electro-
static discharge
• Available in Pb-free and non Pb-free 24-pin Molded
SOJ, non Pb-free 24-pin (300-Mil) Molded DIP
Functional Description
The CY7C128A is a high-performance CMOS static RAM
organized as 2048 words by 8 bits. Easy memory expansion
is provided by an active LOW Chip Enable (CE), and active
LOW Output Enable (OE) and tri-state drivers. The CY7C128A
has an automatic power-down feature, reducing the power
consumption by 83% when deselected.
Writing to the device is accomplished when the Chip Enable
(CE) and Write Enable (WE) inputs are both LOW.
Data on the eight I/O pins (I/O0 through I/O7) is written into the
memory location specified on the address pins (A0 through
A10).
Reading the device is accomplished by taking Chip Enable
(CE) and Output Enable (OE) LOW while Write Enable (WE)
remains HIGH. Under these conditions, the contents of the
memory location specified on the address pins will appear on
the eight I/O pins.
The I/O pins remain in high-impedance state when Chip
Enable (CE) or Output Enable (OE) is HIGH or Write Enable
(WE) is LOW.
The CY7C128A utilizes a die coat to insure alpha immunity.
Logic Block Diagram
Pin Configurations
C128A–1
A1
A2
A4
A5
A6
COLUMN
DECODER
INPUT BUFFER
POWER
DOWN
WE
OE
I/O0
CE
I/O1
I/O2
I/O3
1
2
3
4
5
6
7
8
9
10
11
14
15
16
20
19
18
17
21
24
23
22
Top View
DIP/SOJ
12
13
A6
A5
A4
A3
WE
VCC
A8
A9
A10
I/O5
I/O4
I/O3
C128A–2
A7
I/O0
I/O1
CE
OE
128 x 16 x 8
ARRAY
I/O7
I/O6
I/O5
I/O4
7C128A
A0
A3
A7
A8
A9
A10
I/O2
GND
I/O7
I/O6
A2
A1
A0


Similar Part No. - CY7C128A-15VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C128A-15VC CYPRESS-CY7C128A-15VC Datasheet
217Kb / 9P
   2K x 8 Static RAM
CY7C128A-15VC CYPRESS-CY7C128A-15VC Datasheet
193Kb / 10P
   2K x 8 Static RAM
More results

Similar Description - CY7C128A-15VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A_07 Datasheet
193Kb / 10P
   2K x 8 Static RAM
CY6116A CYPRESS-CY6116A Datasheet
466Kb / 9P
   2K x 8 Static RAM
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
logo
Intersil Corporation
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
   2K x 8 Asynchronous CMOS Static RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_09 Datasheet
468Kb / 15P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com