Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C164-25PC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C164-25PC
Description  16K x 4 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C164-25PC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C164-25PC Datasheet HTML 1Page - Cypress Semiconductor CY7C164-25PC Datasheet HTML 2Page - Cypress Semiconductor CY7C164-25PC Datasheet HTML 3Page - Cypress Semiconductor CY7C164-25PC Datasheet HTML 4Page - Cypress Semiconductor CY7C164-25PC Datasheet HTML 5Page - Cypress Semiconductor CY7C164-25PC Datasheet HTML 6Page - Cypress Semiconductor CY7C164-25PC Datasheet HTML 7Page - Cypress Semiconductor CY7C164-25PC Datasheet HTML 8Page - Cypress Semiconductor CY7C164-25PC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
16K x 4 Static RAM
CY7C164
CY7C166
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05025 Rev. *A
Revised August 3, 2006
Features
•High speed
—15 ns
• Output enable (OE) feature (CY7C166)
• CMOS for optimum speed/power
• Low active power
—633 mW
• Low standby power
—110 mW
• TTL-compatible inputs and outputs
• Automatic power-down when deselected
• CY7C164 is available in non Pb-free 22-pin (300-Mil)
Molded DIP, CY7C166 in non Pb-free 24-pin Molded SOJ
Functional Description
The CY7C164 and CY7C166 are high-performance CMOS
static RAMs organized as 16,384 by 4 bits. Easy memory
expansion is provided by an active LOW Chip Enable (CE) and
tri-state drivers. The CY7C166 has an active LOW Output
Enable (OE) feature. Both devices have an automatic power-
down feature, reducing the power consumption by 65% when
deselected.
Writing to the device is accomplished when the Chip Enable
(CE) and Write Enable (WE) inputs are both LOW (and the
Output Enable (OE) is LOW for the CY7C166). Data on the
four input/output pins (I/O0 through I/O3) is written into the
memory location specified on the address pins (A0 through
A13).
Reading the device is accomplished by taking Chip Enable
(CE) LOW (and OE LOW for CY7C166), while Write Enable
(WE) remains HIGH. Under these conditions the contents of
the memory location specified on the address pins will appear
on the four data I/O pins.
The I/O pins stay in a high-impedance state when Chip Enable
(CE) is HIGH (or Output Enable (OE) is HIGH for CY7C166).
A die coat is used to insure alpha immunity.
Logic Block Diagram
ARRAY
1
2
3
4
5
6
7
8
9
10
11
12
13
14
18
17
16
15
19
22
21
20
Top View
DIP
7C164
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
POWER
DOWN
WE
(OE)
(7C166 ONLY)
I/O3
CE
I/O2
I/O1
I/O0
A5
A6
A7
A8
A9
A10
A11
A12
A13
CE
GND
WE
VCC
A4
A3
A2
A1
I/O3
I/O2
I/O1
I/O0
A0
16K x 4
Pin Configurations
OE
GND
1
2
3
4
5
6
7
8
9
10
11
14
15
16
20
19
18
17
21
24
23
22
Top View
SOJ
7C166
A5
A6
A7
A8
A9
A10
A11
A12
A13
WE
VCC
A4
A3
A2
A1
I/O3
I/O2
I/O1
I/O0
A0
NC
CE
12
13
[+] Feedback
[+] Feedback


Similar Part No. - CY7C164-25PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C164-25PC CYPRESS-CY7C164-25PC Datasheet
171Kb / 9P
   16K x 4 Static RAM
More results

Similar Description - CY7C164-25PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164 Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
   16K x 1 Static RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
logo
Motorola, Inc
MCM6288C MOTOROLA-MCM6288C Datasheet
325Kb / 6P
   16K * 4 BIT STATIC RAM
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262 Datasheet
41Kb / 7P
   16K x 1 Asynchronous CMOS Static RAM
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262_02 Datasheet
135Kb / 8P
   16K x 1 Asynchronous CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com