Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OD125 Datasheet(PDF) 1 Page - OKI electronic componets

Part # OD125
Description  InGaAs PIN Photodiode for Optical Communications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

OD125 Datasheet(HTML) 1 Page - OKI electronic componets

  OD125 Datasheet HTML 1Page - OKI electronic componets OD125 Datasheet HTML 2Page - OKI electronic componets OD125 Datasheet HTML 3Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
PHOTOSENSORS
OD125
¡ electronic components
OD125
InGaAs PIN Photodiode for Optical Communications
GENERAL DESCRIPTION
The OD125 is designed as a receiver AMP for 30-Mbit digital signals. It features a PIN
photodiode and AMP built into a TO-18 metal package.
FEATURES
• Light input: –27 through –15 dBm
• Frequency characteristics: 30 MHz (Min.)
• Trans impedance: 90 dB (Typ.)
• Peak-sensitivity wavelength : 1300 nm
APPLICATIONS
• For optical transmission module (for digital signal reception)
PIN CONFIGURATION (Unit: mm)
E2V0043-37-X1
45°
3
2
1: GND
2: VCC
3: Case
4: Vout
1
4
1
2
4
3
• Pin Connection Diagram
2.7±0.2
13.5±1


Similar Part No. - OD125

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD1225 ORIONFANS-OD1225 Datasheet
247Kb / 1P
   DC FAN - 12V, 24V
OD1225 ORIONFANS-OD1225 Datasheet
5Mb / 8P
   AC & EC FANS
OD1225-12HB ORIONFANS-OD1225-12HB Datasheet
116Kb / 1P
   DC Fan
OD1225-12HSS ORIONFANS-OD1225-12HSS Datasheet
247Kb / 1P
   DC Fan
OD1225-12HSS ORIONFANS-OD1225-12HSS Datasheet
247Kb / 1P
   DC FAN - 12V, 24V
More results

Similar Description - OD125

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8376 HAMAMATSU-G8376_06 Datasheet
182Kb / 2P
   InGaAs PIN photodiode
G8195 HAMAMATSU-G8195 Datasheet
130Kb / 2P
   InGaAs PIN photodiode
G6742 HAMAMATSU-G6742 Datasheet
336Kb / 2P
   InGaAs PIN photodiode
G8370 HAMAMATSU-G8370 Datasheet
220Kb / 4P
   InGaAs PIN photodiode
G8421 HAMAMATSU-G8421 Datasheet
169Kb / 4P
   InGaAs PIN photodiode
G8941 HAMAMATSU-G8941_04 Datasheet
147Kb / 3P
   InGaAs PIN photodiode
G9906-01 HAMAMATSU-G9906-01 Datasheet
61Kb / 2P
   InGaAs PIN photodiode
G8370-10 HAMAMATSU-G8370-10 Datasheet
122Kb / 2P
   InGaAs PIN photodiode
G8605 HAMAMATSU-G8605 Datasheet
247Kb / 4P
   InGaAs PIN photodiode
G8422 HAMAMATSU-G8422 Datasheet
255Kb / 4P
   InGaAs PIN photodiode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com